công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAZ2700FGMKOFD-PF bảng dữ liệu(PDF) 1 Page - Advanced Crystal Technology

tên linh kiện CAZ2700FGMKOFD-PF
Giải thích chi tiết về linh kiện  1.6 x 1.2mm Crystal unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACT [Advanced Crystal Technology]
Trang chủ  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

CAZ2700FGMKOFD-PF bảng dữ liệu(HTML) 1 Page - Advanced Crystal Technology

  CAZ2700FGMKOFD-PF Datasheet HTML 1Page - Advanced Crystal Technology CAZ2700FGMKOFD-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1016 SMX‐4 Series
RoHS & REACH compliant
Smallest crystal
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency range
F_nom  24.0MHz ~ 54.0MHz
 Frequency tolerance
F_tol  ±10.0ppm ~ ±50.0ppm 
 Frequency stability over operating temperature range
F_stb  ±10.0ppm ~ ±50.0ppm   Table 2
 Operating temperature range 
T_use  ‐20°C ~ +70°C, ‐30°C  ~ +85°C, ‐40°C ~ +85°C
  Table 2
 Storage temperature 
T_stg  ‐45°C ~ +85°C
 Load capacitance
CL
  8.0pF ~ 12.0pF
 Equivalent series resistance
ESR  Table 1
 Shunt capacitance
C0  3.0pF max
 Drive level
DL  100μW max
  50μW typical
 Frequency aging
F_age  ±2.0ppm at 25°C, 1  Year
  For ±1.0ppm please enquire
 Moisture sensitivity level
MSL  1 (unlimited)
 Electrostatic discharge
ESD  Not applicable
 Insulation resistance
IR
 500MΩ min
  At 100V DC
 Table 1. Frequency range (MHz) vs ESR
24.0MHz ~ 29.999MHz
100Ω
30.0MHz ~ 39.999MHz
80Ω
40.0MHz ~ 54.000MHz
60Ω
 Table 2 Frequency Stability vs Temperature
 Temp. (°C)
 Stability in ppm
±10
±15
±20
±30
±50
 ‐20°C ~ 70°C 
√√
√√
‐30°C ~ 85°C 
√√
√√
‐40°C ~ 85°C 
Enquire Enquire
√√
1.6 x 1.2mm Crystal unit
 Dimensions (mm)
Part number generation
CAZ
2700
G
K
L
GO
F
L
‐PF
ACT
Series
Code
Frequency
(MHz)
 Frequency 
Tolerance 
(±ppm)
Frequency 
stability over 
temperature 
range (±ppm)
Operating 
Temperature 
Range (°C)  
Load 
capacitance   
(CL ‐pF)
Frequency   
mode 
Packaging       
(Tape & Reel)
Frequency 
aging
RoHS
CAZ
8MHz = 0800
27MHz = 2700
24.576MHz =2457
Note: Use the first 4 
characters of the 
frequency in Hz i.e.      
27MHz =27000000Hz 
part code =2700  
If the frequency is 
100MHz or higher than 
the first 5 characters 
are used
±10 = E
±15 = F
±20 = G
±30 = I
±50 = L
±10 = F
±15 = G
±20 = I
±30 = K
±50 = O
 ‐20 ~ +70 = G
 ‐30 ~ +85 = L
  ‐40 ~ +85 = M
8 = GO
9 = JO
10 = KO
11 = MO
12 = OO
Fundamental
 = 
F
Loose  = L   
3000pcs = D  
Standard       
±2ppm=leave 
blank
Non standard 
±1ppm=1 
 
RoHS
 = 
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : CAZ0800GKLGOL‐PF [8.000MHz] , CAZ2700GKLGOL‐PF [27.000MHz] , CAZ2457GKLGOL‐PF [24.576MHz]
1.6±0.1
0.55
0.50
0.65
0.40
1
2
3
4
1
2
3
4
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification


Số phần tương tự - CAZ2700FGMKOFD-PF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Crystal Techno...
CAZ2700-RF-GOMEFD-PF ACT-CAZ2700-RF-GOMEFD-PF Datasheet
179Kb / 1P
   1.6 x 1.2mm Crystal unit
1/2/2017
CAZ2700-RF-GOMEFL-PF ACT-CAZ2700-RF-GOMEFL-PF Datasheet
179Kb / 1P
   1.6 x 1.2mm Crystal unit
1/2/2017
CAZ2700-RF-JOMEFD-PF ACT-CAZ2700-RF-JOMEFD-PF Datasheet
179Kb / 1P
   1.6 x 1.2mm Crystal unit
1/2/2017
CAZ2700-RF-JOMEFL-PF ACT-CAZ2700-RF-JOMEFL-PF Datasheet
179Kb / 1P
   1.6 x 1.2mm Crystal unit
1/2/2017
CAZ2700-RF-KOMEFD-PF ACT-CAZ2700-RF-KOMEFD-PF Datasheet
179Kb / 1P
   1.6 x 1.2mm Crystal unit
1/2/2017
More results

Mô tả tương tự - CAZ2700FGMKOFD-PF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Crystal Techno...
1612H-SMX-4 ACT-1612H-SMX-4 Datasheet
179Kb / 1P
   1.6 x 1.2mm Crystal unit
1/2/2017
logo
Fox Electronics
C0BS FOX-C0BS Datasheet
287Kb / 3P
   1.6 x 1.2mm Ceramic SMD Crystal
logo
Advanced Crystal Techno...
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
   2.0 x 1.2mm Watch crystal
1/02/2017
logo
Transko Electronics, In...
CS53B TRANSKO-CS53B Datasheet
255Kb / 1P
   MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022
logo
TAITIEN ELECTRONICS CO....
AT-0023-XZ TAITIEN-AT-0023-XZ Datasheet
255Kb / 1P
   2.0 x 1.6 mm SMD Crystal
logo
IQD Frequency Products ...
IQXO-98X IQD-IQXO-98X Datasheet
306Kb / 7P
   1.6 x 1.2mm crystal oscillator in a ceramic package with a seam sealed metal lid, hermetically sealed
logo
Advanced Crystal Techno...
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
   7.0 x 5.0mm Crystal unit
1/02/2017
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
   7.0 x 5.0mm Crystal unit
1/02/2017
2016-SMX-4 ACT-2016-SMX-4 Datasheet
198Kb / 2P
   2.0 x 1.6mm crystal unit
01/2/2017
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com