công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CAZ2700GGLJOFL-PF bảng dữ liệu(PDF) 1 Page - Advanced Crystal Technology |
|
CAZ2700GGLJOFL-PF bảng dữ liệu(HTML) 1 Page - Advanced Crystal Technology |
1 / 2 page 1016 SMX‐4 Series RoHS & REACH compliant Smallest crystal Parameters Specification Remarks Frequency range F_nom 24.0MHz ~ 54.0MHz Frequency tolerance F_tol ±10.0ppm ~ ±50.0ppm Frequency stability over operating temperature range F_stb ±10.0ppm ~ ±50.0ppm Table 2 Operating temperature range T_use ‐20°C ~ +70°C, ‐30°C ~ +85°C, ‐40°C ~ +85°C Table 2 Storage temperature T_stg ‐45°C ~ +85°C Load capacitance CL 8.0pF ~ 12.0pF Equivalent series resistance ESR Table 1 Shunt capacitance C0 3.0pF max Drive level DL 100μW max 50μW typical Frequency aging F_age ±2.0ppm at 25°C, 1 Year For ±1.0ppm please enquire Moisture sensitivity level MSL 1 (unlimited) Electrostatic discharge ESD Not applicable Insulation resistance IR 500MΩ min At 100V DC Table 1. Frequency range (MHz) vs ESR 24.0MHz ~ 29.999MHz 100Ω 30.0MHz ~ 39.999MHz 80Ω 40.0MHz ~ 54.000MHz 60Ω Table 2 Frequency Stability vs Temperature Temp. (°C) Stability in ppm ±10 ±15 ±20 ±30 ±50 ‐20°C ~ 70°C √ √√ √√ ‐30°C ~ 85°C √ √√ √√ ‐40°C ~ 85°C Enquire Enquire √√ √ 1.6 x 1.2mm Crystal unit Dimensions (mm) Part number generation CAZ 2700 G K L GO F L ‐PF ACT Series Code Frequency (MHz) Frequency Tolerance (±ppm) Frequency stability over temperature range (±ppm) Operating Temperature Range (°C) Load capacitance (CL ‐pF) Frequency mode Packaging (Tape & Reel) Frequency aging RoHS CAZ 8MHz = 0800 27MHz = 2700 24.576MHz =2457 Note: Use the first 4 characters of the frequency in Hz i.e. 27MHz =27000000Hz part code =2700 If the frequency is 100MHz or higher than the first 5 characters are used ±10 = E ±15 = F ±20 = G ±30 = I ±50 = L ±10 = F ±15 = G ±20 = I ±30 = K ±50 = O ‐20 ~ +70 = G ‐30 ~ +85 = L ‐40 ~ +85 = M 8 = GO 9 = JO 10 = KO 11 = MO 12 = OO Fundamental = F Loose = L 3000pcs = D Standard ±2ppm=leave blank Non standard ±1ppm=1 RoHS = ‐PF Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below. Full Example Part Number : CAZ0800GKLGOL‐PF [8.000MHz] , CAZ2700GKLGOL‐PF [27.000MHz] , CAZ2457GKLGOL‐PF [24.576MHz] 1.6±0.1 0.55 0.50 0.65 0.40 1 2 3 4 1 2 3 4 ACT (A wholly owned Acal BFi Company) +44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk ISO9001 Registered Specifications subject to change without notification |
Số phần tương tự - CAZ2700GGLJOFL-PF |
|
Mô tả tương tự - CAZ2700GGLJOFL-PF |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |