công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP15DU600D15 bảng dữ liệu(PDF) 2 Page - Toppower Electronic Technology Limited

tên linh kiện TP15DU600D15
Giải thích chi tiết về linh kiện  15W 2.5KV isolated 100-1000VDC super wide input voltage DC/DC converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOPPOWER [Toppower Electronic Technology Limited]
Trang chủ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15DU600D15 bảng dữ liệu(HTML) 2 Page - Toppower Electronic Technology Limited

  TP15DU600D15 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15DU600D15 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP15DU600D15 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP15DU series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page2 / 3
RIPPLE&NOISE TESTING METHODS
PRODUCT CHARACTERISTICS CURVE
接示波器探头
PRODUCT SCHEMATICS
EMI
FILTER
POWER
SWITCHING
RECTIFIES
&
FILTER
+Vin
-Vin
+Vo1
-Vo1
POWER
CONTROL
DETECTION
CIRCUIT
RECTIFIES
&
FILTER
+Vo2
-Vo2
TYPICAL APPLICATION DIAGRAM
-Vin
C6
C5
RL1
+
C1
D1
C4
+
C2
C3
C8
C7
RL2
+
D2
1
Notes:
1.
Output filter capacitor C5, C7 for the electrolytic capacitor(recommended to use high frequency and low resistance electrolytic capacitor) Please refer to the technical
specifications provided by each manufacturer for the capacity and current flowing。Capacitor voltage drerating more than 80%。C6, C8 is to remove high-frequency
noise。D1, D2 for the TVS tube to protect the circuit after the stage (when the module is abnormal) is recommended
2.
In the general application, Its not mandatory to use the common-mode inductance within the dashed box;
You can use this common-mode inductance meet the higher EMC requirements. Can also be used for three-phase four-wire power input
3.
For technical support, please contact our engineers
TYPICAL VALUES OF EXTERNAL CIRCUIT COMPONENTS
Some input component
Some output component
PN
FUSE
C1
C2,C3
C4
C5
C6
C7
C8
D1
D2
TP15DU600D12/15
10Ω/3W
Insurance
resistance
0.1uF/1
200V
0.047uF/12
00V
1uF/12
00v
47uF/35
V
0.1uF/50V
100uF/16V
0.1uF/50V
P6KE20A
P6KE20A
TP15DU600S05
470
P6KE6.8A
TP15DU600S12
220
P6KE20A
TOPPOWER


Số phần tương tự - TP15DU600D15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toppower Electronic Tec...
TP15DB TOPPOWER-TP15DB Datasheet
145Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB Datasheet
175Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB24S03 TOPPOWER-TP15DB24S03 Datasheet
145Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB24S03 TOPPOWER-TP15DB24S03 Datasheet
400Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB24S03 TOPPOWER-TP15DB24S03 Datasheet
175Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
More results

Mô tả tương tự - TP15DU600D15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toppower Electronic Tec...
TP15AT TOPPOWER-TP15AT Datasheet
214Kb / 4P
   15W 2.5KV Isolation Wide Input AC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
   15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC TOPPOWER-TP15DC_19 Datasheet
768Kb / 4P
   15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DB TOPPOWER-TP15DB_V01 Datasheet
175Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB_17 Datasheet
400Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB Datasheet
145Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP03AR TOPPOWER-TP03AR Datasheet
242Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AZ TOPPOWER-TP03AZ Datasheet
230Kb / 3P
   3W 2.5KV Isolation Wide Input AC/DC Converters
logo
MORNSUN Science& Techno...
VRB2405LD-15WR3 MORNSUN-VRB2405LD-15WR3 Datasheet
3Mb / 8P
   15W, wide input, isolated & regulated DC/DC converter
logo
Toppower Electronic Tec...
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com