công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1845AMDREP bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UC1845AMDREP
Giải thích chi tiết về linh kiện  CURRENT-MODE PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1845AMDREP bảng dữ liệu(HTML) 1 Page - Texas Instruments

  UC1845AMDREP Datasheet HTML 1Page - Texas Instruments UC1845AMDREP Datasheet HTML 2Page - Texas Instruments UC1845AMDREP Datasheet HTML 3Page - Texas Instruments UC1845AMDREP Datasheet HTML 4Page - Texas Instruments UC1845AMDREP Datasheet HTML 5Page - Texas Instruments UC1845AMDREP Datasheet HTML 6Page - Texas Instruments UC1845AMDREP Datasheet HTML 7Page - Texas Instruments UC1845AMDREP Datasheet HTML 8Page - Texas Instruments UC1845AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UC1842A-EP, UC1843A-EP, UC1844A-EP, UC1845A-EP
CURRENT-MODE PWM CONTROLLER
SGLS134B – SEPTEMBER 2002 – REVISED APRIL 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Controlled Baseline
– One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of
–55
°C to 125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product Change Notification
D Qualification Pedigree
D Optimized for Off-line and DC to DC
Converters
D Low Start Up Current (<0.5 mA)
D Trimmed Oscillator Discharge Current
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Automatic Feed Forward Compensation
D Pulse-by-Pulse Current Limiting
D Enhanced Load Response Characteristics
D Under-Voltage Lockout With Hysteresis
D Double Pulse Suppression
D High Current Totem Pole Output
D Internally Trimmed Bandgap Reference
D 500 kHz Operation
D Low RO Error Amp
description
The UC1842A/3A/4A/5A family of control ICs is a pin for pin compatible improved version of the UC3842/3/4/5
family. Providing the necessary features to control current mode switched mode power supplies, this family has
the following improved features. Start up current is guaranteed to be less than 0.5 mA. Oscillator discharge is
trimmed to 8.3 mA. During under voltage lockout, the output stage can sink at least 10 mA at less than 1.2 V
for VCC over 5 V.
The difference between members of this family are shown in the table below.
PART NUMBER
UVLO ON
UVLO OFF
MAXIMUM DUTY CYCLE
UC1842A
16 V
10 V
<100%
UC1843A
8.5 V
7.9 V
<100%
UC1844A
16 V
10 V
<50%
UC1845A
8.5 V
7.9 V
<50%
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–55
°C to 125°C
SOP – D
Tape and reel
UC1842AMDREP
1842AME
–55
°C to 125°C
SOP – D
Tape and reel
UC1843AMDREP
1843AME
–55
°C to 125°C
SOP – D
Tape and reel
UC1844AMDREP
1844AME
–55
°C to 125°C
SOP – D
Tape and reel
UC1845AMDREP
1845AME
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2002 – 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
COMP
VFB
ISENSE
RT/CT
VREF
VCC
OUTPUT
GND


Số phần tương tự - UC1845AMDREP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1845AMDREP TI1-UC1845AMDREP Datasheet
1,000Kb / 9P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
UC1845AMDREPG4 TI1-UC1845AMDREPG4 Datasheet
1,000Kb / 9P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

Mô tả tương tự - UC1845AMDREP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com