công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6551MAX bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMH6551MAX
Giải thích chi tiết về linh kiện  Differential, High Speed Op Amp
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6551MAX bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH6551MAX Datasheet HTML 2Page - National Semiconductor (TI) LMH6551MAX Datasheet HTML 3Page - National Semiconductor (TI) LMH6551MAX Datasheet HTML 4Page - National Semiconductor (TI) LMH6551MAX Datasheet HTML 5Page - National Semiconductor (TI) LMH6551MAX Datasheet HTML 6Page - National Semiconductor (TI) LMH6551MAX Datasheet HTML 7Page - National Semiconductor (TI) LMH6551MAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6551MAX Datasheet HTML 9Page - National Semiconductor (TI) LMH6551MAX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
3.3V Electrical Characteristics (Note 2) (Continued)
Single ended in differential out, T
A= 25˚C, G = +1, VS = 3.3V, VCM = 1.65V, RF =RG = 365
Ω,R
L = 500
Ω; ; Unless specified-
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
LSBW
Large Signal −3 dB Bandwidth
R
L = 500
Ω,V
OUT =1VPP
300
MHz
Slew Rate
1V Step(Note 6)
700
V/µs
Rise/Fall Time, 10% to 90%
1V Step
2
ns
V
CM Pin AC Performance (Common Mode Feedback Amplifier)
Common Mode Small Signal
Bandwidth
95
MHz
Distortion and Noise Response
HD2
2
nd Harmonic Distortion
V
O =1VPP,f=5 MHz, RL=800
−93
dBc
HD2
V
O =1VPP,f=20 MHz, RL=800
−74
dBc
HD3
3
rd Harmonic Distortion
V
O =1VPP,f=5 MHz, RL=800
−85
dBc
HD3
V
O =1VPP,f=20 MHz, RL=800
−69
dBc
Input Characteristics (Differential)
V
OSD
Input Offset Voltage
Differential Mode, V
ID =0,VCM =0
1
mV
Input Offset Voltage Average
Temperature Drift
(Note 10)
1.6
µV/˚C
I
BIAS
Input Bias Current
(Note 9)
−8
µA
Input Bias Current Average
Temperature Drift
(Note 10)
9.5
nA/˚C
Input Bias Current Difference
Difference in Bias currents between
the two inputs
0.3
µA
CMRR
Common-Mode Rejection Ratio
DC, V
ID = 0V
78
dBc
Input Resistance
Differential
5
M
Input Capacitance
Differential
1
pF
V
ICM
Input Common Mode Range
CMRR > 53 dB
+1.5
+0.3
V
CMPin Input Characteristics (Common Mode Feedback Amplifier)
Input Offset Voltage
Common Mode, V
ID =0
1
±5mV
Input Offset Voltage Average
Temperature Drift
18.6
µV/˚C
Input Bias Current
3µA
V
CM CMRR
V
ID =0,
1V step on V
CM pin, measure VOD
60
dB
Input Resistance
V
CM pin to ground
25
k
Common Mode Gain
∆V
O,CM/
∆V
CM
0.999
V/V
Output Performance
V
OUT
Output Voltage Swing
Single Ended, Peak to Peak, V
S=
3.3V, V
CM= 1.65V
±0.75
±0.9
V
I
OUT
Linear Output Current
V
OUT = 0V Differential
±30
±40
mA
I
SC
Output Short Circuit Current
Output Shorted to Ground
V
IN = 2V Single Ended(Note 3)
200
mA
CMVR
Output Common Mode Voltage
Range
V
ID =0,VCMpin = 1.2V and 2.1V
2.1
1.2
V
Output Balance Error
∆V
OUTCommon Mode
/
∆V
OUTDIfferential , VOUT = 1Vpp
Differential,f=10MHz
−65
dB
Miscellaneous Performance
Open Loop Gain
DC, Differential
70
dB
PSRR
Power Supply Rejection Ratio
DC,
∆V
S = ±0.5V
75
dB
www.national.com
6


Số phần tương tự - LMH6551MAX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6551MAX TI1-LMH6551MAX Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
LMH6551MAX TI1-LMH6551MAX Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
LMH6551MAX/NOPB TI1-LMH6551MAX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6551MAXNOPB NSC-LMH6551MAXNOPB Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
More results

Mô tả tương tự - LMH6551MAX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com