công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6551 bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện LMH6551
Giải thích chi tiết về linh kiện  Differential, High Speed Op Amp
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6551 bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI)

  LMH6551 Datasheet HTML 1Page - National Semiconductor (TI) LMH6551 Datasheet HTML 2Page - National Semiconductor (TI) LMH6551 Datasheet HTML 3Page - National Semiconductor (TI) LMH6551 Datasheet HTML 4Page - National Semiconductor (TI) LMH6551 Datasheet HTML 5Page - National Semiconductor (TI) LMH6551 Datasheet HTML 6Page - National Semiconductor (TI) LMH6551 Datasheet HTML 7Page - National Semiconductor (TI) LMH6551 Datasheet HTML 8Page - National Semiconductor (TI) LMH6551 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5V Electrical Characteristics (Note 2) (Continued)
Single ended in differential out, T
A= 25˚C, G = +1, VS = 5V, VCM = 2.5V, RF =RG = 365
Ω,R
L = 500
Ω; ; Unless specifiedBold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
V
OSD
Input Offset Voltage
Differential Mode, V
ID =0,VCM = 0
0.5
±4
±6
mV
Input Offset Voltage Average
Temperature Drift
(Note 10)
−0.8
µV/˚C
I
BIAS
Input Bias Current
(Note 9)
−4
0
-10
µA
Input Bias Current Average
Temperature Drift
(Note 10)
−3
nA/˚C
Input Bias Current Difference
Difference in Bias currents between
the two inputs
0.03
µA
CMRR
Common-Mode Rejection Ratio
DC, V
ID = 0V
70
78
dBc
Input Resistance
Differential
5
M
Input Capacitance
Differential
1
pF
V
ICM
Input Common Mode Range
CMRR > 53 dB
+3.1
+0.4
+3.2
+0.3
V
CMPin Input Characteristics (Common Mode Feedback Amplifier)
Input Offset Voltage
Common Mode, V
ID = 0
0.5
±5
±8
mV
Input Offset Voltage Average
Temperature Drift
5.8
µV/˚C
Input Bias Current
3µA
V
CM CMRR
V
ID =0,
1V step on V
CM pin, measure VOD
70
75
dB
Input Resistance
V
CM pin to ground
25
k
Common Mode Gain
∆V
O,CM/
∆V
CM
0.995
0.991
1.005
V/V
Output Performance
V
OUT
Output Voltage Swing
Single Ended, Peak to Peak, V
S=
±2.5V, V
CM=0V
±2.4
±2.8
V
I
OUT
Linear Output Current
V
OUT = 0V Differential
±45
±60
mA
I
SC
Output Short Circuit Current
Output Shorted to Ground
V
IN = 3V Single Ended(Note 3)
230
mA
CMVR
Output Common Mode Voltage
Range
V
ID =0,VCMpin = 1.2V and 3.8V
3.72
1.23
3.8
1.2
V
Output Balance Error
∆V
OUTCommon Mode
/
∆V
OUTDIfferential , VOUT = 1Vpp
Differential,f=10MHz
−65
dB
Miscellaneous Performance
Open Loop Gain
DC, Differential
70
dB
PSRR
Power Supply Rejection Ratio
DC,
∆V
S = ±0.5V
72
88
dB
I
S
Supply Current
R
L =
10
11.5
13.5
15.5
mA
3.3V Electrical Characteristics (Note 2)
Single ended in differential out, T
A= 25˚C, G = +1, VS = 3.3V, VCM = 1.65V, RF =RG = 365
Ω,R
L = 500
Ω; ; Unless specified-
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
SSBW
Small Signal −3 dB Bandwidth
R
L = 500
Ω,V
OUT = 0.5 VPP
320
MHz
www.national.com
5


Số phần tương tự - LMH6551

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6551 TI-LMH6551 Datasheet
1Mb / 28P
[Old version datasheet]   50 MHz 0.1 dB Bandwidth, 2400 V/關s Slew Rate, 18 ns Settling Time to 0.05%
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
LMH6551MA TI1-LMH6551MA Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
LMH6551MA TI1-LMH6551MA Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
LMH6551MA/NOPB TI1-LMH6551MA/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
More results

Mô tả tương tự - LMH6551

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com