công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS-37SX0-T bảng dữ liệu(PDF) 7 Page - Teledyne Technologies Incorporated

tên linh kiện CS-37SX0-T
Giải thích chi tiết về linh kiện  Failsafe TRANSFER Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TELEDYNE [Teledyne Technologies Incorporated]
Trang chủ  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CS-37SX0-T bảng dữ liệu(HTML) 7 Page - Teledyne Technologies Incorporated

  CS-37SX0-T Datasheet HTML 1Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 2Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 3Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 4Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 5Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 6Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 7Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCS-37S/CS-37S Page 7
CCS-37S\CS-37S\082013\Q3
Series CCS-37S/CS-37S
Miniature DC–18 GHz
Failsafe TRANSFER Coaxial Switch
COAX SWITCHES
Actuator
An actuator is the electromechanical mechanism that
transfers the RF contacts from one position to another upon
DC command.
Arc Suppression Diode
A diode is connected in parallel with the coil. This diode
limits the “reverse EMF spike” generated when the coil de-
energizes to 0.7 volts. The diode cathode is connected to
the positive side of the coil and the anode is connected to
the negative side.
Date Code
All switches are marked with either a unique serial number
or a date code. Date codes are in accordance with MIL-
STD-1285 Paragraph 5.2.5 and consist of four digits.
The first two digits define the year and the last two digits
define the week of the year (YYWW). Thus, 1032 identifies
switches that passed through final inspection during the
32nd week of 2010.
Failsafe
A failsafe switch reverts to the default or failsafe position
when actuating voltage is removed. This is realized by a
return spring within the drive mechanism. This type of switch
requires the continuous application of operating voltage to
select and hold any position. (Multi-position switches are
normally open with no voltage applied).
Indicator
Indicators tell the system which position the switch is in.
Other names for indicators are telemetry contacts or tellback
circuit. Indicators are usually a set of internally mounted DC
contacts linked to the actuator. They can be wired to digital
input lines, status lights, or interlocks. Unless otherwise
specified, the maximum indicator contact rating is 30 Vdc,
50 mA, or 1.5 Watts into a resistive load.
Isolation
Isolation is the measure of the power level at the output
connector of an unconnected RF channel as referenced to
the power at the input connector. It is specified in dB below
the input power level.
TRANSFER Switch
A four-port switch consisting of two independent pairs of
RF paths. These pairs are actuated simultaneously. This
actuation is similar to that of a double-pole double-throw
switch.
Switching Time
Switching time is the total interval beginning with the arrival
of the leading edge of the command pulse at the switch DC
input and ending with the completion of the switch transfer,
including contact bounce. It consists of three parts: (1)
inductive delay in the coil, (2) transfer time of the physical
movement of the contacts, and (3) the bounce time of the
RF contacts.
TTL Switch Driver Option
As a special option, switch drivers can be provided for both
failsafe and latching switches, which are compatible with
industry-standard low-power Schottky TTL circuits.
Performance Parameters vs Frequency
Generally speaking, the RF performance of coaxial switches
is frequency dependent. With increasing frequency, VSWR
and insertion loss increase while isolation decreases. All
data sheets specify these three parameters as “worst case”
at the highest operating frequency. If the switch is to be
used over a narrow frequency band, better performance
can be achieved.
Actuator Current vs Temperature
The resistance of the actuator coil varies as a function of
temperature. There is an inverse relationship between the
operating temperature of the switch and the actuator drive
current. For switches operating at 28 VDC, the approximate
actuator drive current at temperature, T, can be calculated
using the equation:
Magnetic Sensitivity
An electro-mechanical switch can be sensitive to ferrous
materials and external magnetic fields. Neighboring ferrous
materials should be permitted no closer than 0.5 inches and
adjacent external magnetic fields should be limited to a flux
density of less than 5 Gauss.
GLOSSARY
I
A
[1 + .00385 (T-20)]
Where:
I
T
= Actuator current at temperature, T
I
A
= Room temperature actuator current –
see data sheet
T = Temperature of interest in °C
I
T
=
Carrier
Frequency 1
Carrier
Frequency 2
PIM 3rd Order
Frequency
PIM 5th
Order Fre-
quency
870 MHz
893 MHz
847 MHz
824 MHz
3rd Order
Intermodulation
5th Order
Intermodulation
Transfer
–103 dBm
–123 dBm
–146 dBc
–165 dBc
SPECIAL FEATURE
Switching High-Power or Highly Sensitive Signals
Ensure the most linear response with the best galvanically
matched contact system in the industry. Extremely low
passive intermodulation is standard on all of our switches.


Số phần tương tự - CS-37SX0-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
   Clock Smoother
logo
IET Labs Inc.
CS-300 IET-CS-300 Datasheet
301Kb / 2P
   RS Series -- Standard Models
logo
Vectron International, ...
CS-300-CFC-C4D2M2 VECTRON-CS-300-CFC-C4D2M2 Datasheet
795Kb / 8P
   Clock Smoother
CS-300-CFC-C4D2M2G VECTRON-CS-300-CFC-C4D2M2G Datasheet
795Kb / 8P
   Clock Smoother
CS-300-CFC-C4D2T4 VECTRON-CS-300-CFC-C4D2T4 Datasheet
795Kb / 8P
   Clock Smoother
More results

Mô tả tương tự - CS-37SX0-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Teledyne Technologies I...
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
logo
Pasternack Enterprises,...
PE7153 PASTERNACK-PE7153_15 Datasheet
475Kb / 6P
   Transfer Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150_15 Datasheet
452Kb / 6P
   Transfer Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150 Datasheet
88Kb / 1P
   SMA TRANSFER RELAY SWITCH FAILSAFE
logo
JFW Industries, Inc.
50S-1361XX JFW-50S-1361XX Datasheet
30Kb / 2P
   FAILSAFE TRANSFER ELECTROMECHANICAL RF SWITCH
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com