công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCF5275CVM166 bảng dữ liệu(PDF) 10 Page - Motorola, Inc |
|
MCF5275CVM166 bảng dữ liệu(HTML) 10 Page - Motorola, Inc |
10 / 76 page MCF5275 Integrated Microprocessor Family Hardware Specification, Rev. 1.1 Preliminary Features Freescale Semiconductor 10 3.5 On-chip Memories The 64 Kbyte data RAM and the 16 Kbyte cache RAM for the processors are built using a RAM compiler. Both RAM blocks connect directly to the RAM controller via a standard single-port synchronous SRAM interface. 3.5.1 Cache The 16-Kbyte cache can be configured into one of three possible organizations: a 16-Kbyte instruction cache, a 16-Kbyte data cache or a split 8-Kbyte instruction/8-Kbyte data cache. The configuration is software-programmable by control bits within the privileged Cache Configuration Register (CACR). In all configurations, the cache is a direct-mapped single-cycle memory. 3.5.2 SRAM The SRAM module provides a general-purpose 64-Kbyte memory implemented as four 16-Kbyte blocks that the ColdFire core can access in a single cycle. The location of the memory block can be set to any 64-Kbyte boundary within the 4-Gbyte address space. The memory is ideal for storing critical code or data structures, for use as the system stack, or for storing FEC data buffers. Because the SRAM module is physically connected to the processor's high-speed local bus, it can quickly service core-initiated accesses or memory-referencing commands from the debug module. The SRAM module is also accessible by non-core bus masters, for example the DMA and/or the FECs. The dual-ported nature of the SRAM makes it ideal for implementing applications with double-buffer schemes, where the processor and a DMA device operate in alternate regions of the SRAM to maximize system performance. As an example, system performance can be increased significantly if Ethernet packets are moved from the FEC into the SRAM (rather than external memory) prior to any processing. 3.6 Power Management The MCF5275 family incorporates several low power modes of operation which are entered under program control and exited by several external trigger events. An integrated Power-On Reset (POR) circuit monitors the input supply and forces an MCU reset as the supply voltage rises. 3.7 Fast Ethernet Controller (FEC) The MCF5275 family contains up to two 10/100 BaseT fast Ethernet Controllers (FECs). Refer to Table 1 for device configurations. Each FEC includes these distinctive features: • IEEE 802.3 MAC (compliant with IEEE 802.3 1998 edition) • Built-in FIFO and DMA controller • Support for different Ethernet physical interfaces: — 100Mbps IEEE 802.3 MII — 10Mbps IEEE 802.3 MII |
Số phần tương tự - MCF5275CVM166 |
|
Mô tả tương tự - MCF5275CVM166 |