công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5275LCVM166 bảng dữ liệu(PDF) 11 Page - Motorola, Inc

tên linh kiện MCF5275LCVM166
Giải thích chi tiết về linh kiện  MCF5275 Integrated Microprocessor Family Hardware Specification
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCF5275LCVM166 bảng dữ liệu(HTML) 11 Page - Motorola, Inc

Back Button MCF5275LCVM166 Datasheet HTML 7Page - Motorola, Inc MCF5275LCVM166 Datasheet HTML 8Page - Motorola, Inc MCF5275LCVM166 Datasheet HTML 9Page - Motorola, Inc MCF5275LCVM166 Datasheet HTML 10Page - Motorola, Inc MCF5275LCVM166 Datasheet HTML 11Page - Motorola, Inc MCF5275LCVM166 Datasheet HTML 12Page - Motorola, Inc MCF5275LCVM166 Datasheet HTML 13Page - Motorola, Inc MCF5275LCVM166 Datasheet HTML 14Page - Motorola, Inc MCF5275LCVM166 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
Features
MCF5275 Integrated Microprocessor Family Hardware Specification, Rev. 1.1
Preliminary
Freescale Semiconductor
11
Support for full-duplex operation (200Mbps throughput) with a minimum system clock of
50MHz
Support for half-duplex operation (100Mbps throughput) with a minimum system clock rate of
25MHz
IEEE 802.3 full duplex flow control
Programmable max frame length supports IEEE 802.1 VLAN tags and priority
Retransmission from transmit FIFO following a collision (no system bus utilization)
Automatic internal flushing of the receive FIFO for runts (collision fragments) and address
recognition rejects (no system bus utilization)
Address recognition
— Frames with broadcast address may be always accepted or always rejected
— Exact match for single 48-bit individual (unicast) address
— Hash (64-bit hash) check of individual (unicast) addresses
— Hash (64-bit hash) check of group (multicast) addresses
— Promiscuous mode
RMON and IEEE statistics
Interrupts for network activity and error conditions
3.8
Universal Serial Bus (USB)
The USB controller supports device mode data communications with a USB host (typically a PC).
The programmable USB registers allow the user to enable or disable the module, control characteristics of
individual endpoints, and monitor traffic flow through the module without ever seeing the low-level details
of the USB protocol.
The USB module provides the following features to the user:
Supports full-speed 12-Mbps USB devices and low-speed 1.5-Mbps devices
Full compliance with the Universal Serial Bus Specification, Revision 2.0
Automatic hardware processing of USB standard device requests
USB device controller with protocol control and administration for up to eight endpoints, 16
interfaces, and 16 configurations. Endpoint types are programmable with support for up to eight
control, interrupt, bulk, or isochronous endpoints
Independent interrupts for each endpoint
Supports remote wakeup via a register bit
Detects start-of-frame and missed start-of-frame for isochronous endpoint synchronization
Notification of start-of-frame, reset, suspend, and resume events


Số phần tương tự - MCF5275LCVM166

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5275LCVM166 FREESCALE-MCF5275LCVM166 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
MCF5275LCVM166 FREESCALE-MCF5275LCVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
More results

Mô tả tương tự - MCF5275LCVM166

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com