công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5275LCVM133 bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MCF5275LCVM133
Giải thích chi tiết về linh kiện  MCF5275 Integrated Microprocessor Family Hardware Specification
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCF5275LCVM133 bảng dữ liệu(HTML) 8 Page - Motorola, Inc

Back Button MCF5275LCVM133 Datasheet HTML 4Page - Motorola, Inc MCF5275LCVM133 Datasheet HTML 5Page - Motorola, Inc MCF5275LCVM133 Datasheet HTML 6Page - Motorola, Inc MCF5275LCVM133 Datasheet HTML 7Page - Motorola, Inc MCF5275LCVM133 Datasheet HTML 8Page - Motorola, Inc MCF5275LCVM133 Datasheet HTML 9Page - Motorola, Inc MCF5275LCVM133 Datasheet HTML 10Page - Motorola, Inc MCF5275LCVM133 Datasheet HTML 11Page - Motorola, Inc MCF5275LCVM133 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
MCF5275 Integrated Microprocessor Family Hardware Specification, Rev. 1.1
Preliminary
Features
Freescale Semiconductor
8
— Supports 16-bit wide memory devices
— Supports Dual Data Rate (DDR) SDRAM.
— Page mode support
— Programmable refresh interval timer.
— Sleep mode and self-refresh.
— Supports 16-byte (4-beat, 4-byte) critical-word-first burst transfer.
— Memory sizes from 8 Mbyte to 128 MByte (per chip select)
— 166 MHz data transfer rate (DDR)
— Two independent chip selects
•Reset
— Separate Reset In and Reset Out signals
— Six sources of reset (POR, External, Software, Watchdog, Loss of clock/lock)
— Status flag indication of source of last reset
Chip Configurations
— System configuration during reset
— Bus Monitor, Abort Monitor
— Configurable output pad drive strength
— Unique Part Identification and Part Revision Numbers
General Purpose I/O interface
— Up to 69 bits of general purpose I/O
— Coherent 32-bit control
— Bit manipulation supported via set/clear functions
— Unused peripheral pins may be used as extra GPIO
JTAG support for system level board testing
— Unique JTAG Part Identification and Part Revision Numbers
3.2
V2 Core Overview
The ColdFire V2 core is comprised of two separate pipelines that are decoupled by an instruction buffer.
The two-stage Instruction Fetch Pipeline (IFP) is responsible for instruction-address generation and
instruction fetch. The instruction buffer is a first-in-first-out (FIFO) buffer that holds prefetched
instructions awaiting execution in the Operand Execution Pipeline (OEP). The OEP includes two pipeline
stages. The first stage decodes instructions and selects operands (DSOC); the second stage (AGEX)
performs instruction execution and calculates operand effective addresses, if needed.
The V2 core implements the ColdFire Instruction Set Architecture Revision A with added support for a
separate user stack pointer register and four new instructions to assist in bit processing. Additionally, the
V2 core includes the enhanced multiply-accumulate unit (EMAC) for improved signal processing
capabilities. The EMAC implements a 4-stage execution pipeline, optimized for 32 x 32 bit operations,


Số phần tương tự - MCF5275LCVM133

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5275LCVM133 FREESCALE-MCF5275LCVM133 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
More results

Mô tả tương tự - MCF5275LCVM133

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com