công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5274LVM133 bảng dữ liệu(PDF) 10 Page - Motorola, Inc

tên linh kiện MCF5274LVM133
Giải thích chi tiết về linh kiện  MCF5275 Integrated Microprocessor Family Hardware Specification
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCF5274LVM133 bảng dữ liệu(HTML) 10 Page - Motorola, Inc

Back Button MCF5274LVM133 Datasheet HTML 6Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 7Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 8Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 9Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 10Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 11Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 12Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 13Page - Motorola, Inc MCF5274LVM133 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
MCF5275 Integrated Microprocessor Family Hardware Specification, Rev. 1.1
Preliminary
Features
Freescale Semiconductor
10
3.5
On-chip Memories
The 64 Kbyte data RAM and the 16 Kbyte cache RAM for the processors are built using a RAM compiler.
Both RAM blocks connect directly to the RAM controller via a standard single-port synchronous SRAM
interface.
3.5.1
Cache
The 16-Kbyte cache can be configured into one of three possible organizations: a 16-Kbyte instruction
cache, a 16-Kbyte data cache or a split 8-Kbyte instruction/8-Kbyte data cache. The configuration is
software-programmable by control bits within the privileged Cache Configuration Register (CACR). In all
configurations, the cache is a direct-mapped single-cycle memory.
3.5.2
SRAM
The SRAM module provides a general-purpose 64-Kbyte memory implemented as four 16-Kbyte blocks
that the ColdFire core can access in a single cycle. The location of the memory block can be set to any
64-Kbyte boundary within the 4-Gbyte address space. The memory is ideal for storing critical code or data
structures, for use as the system stack, or for storing FEC data buffers. Because the SRAM module is
physically connected to the processor's high-speed local bus, it can quickly service core-initiated accesses
or memory-referencing commands from the debug module.
The SRAM module is also accessible by non-core bus masters, for example the DMA and/or the FECs.
The dual-ported nature of the SRAM makes it ideal for implementing applications with double-buffer
schemes, where the processor and a DMA device operate in alternate regions of the SRAM to maximize
system performance. As an example, system performance can be increased significantly if Ethernet
packets are moved from the FEC into the SRAM (rather than external memory) prior to any processing.
3.6
Power Management
The MCF5275 family incorporates several low power modes of operation which are entered under
program control and exited by several external trigger events. An integrated Power-On Reset (POR) circuit
monitors the input supply and forces an MCU reset as the supply voltage rises.
3.7
Fast Ethernet Controller (FEC)
The MCF5275 family contains up to two 10/100 BaseT fast Ethernet Controllers (FECs). Refer to Table 1
for device configurations.
Each FEC includes these distinctive features:
IEEE 802.3 MAC (compliant with IEEE 802.3 1998 edition)
Built-in FIFO and DMA controller
Support for different Ethernet physical interfaces:
— 100Mbps IEEE 802.3 MII
— 10Mbps IEEE 802.3 MII


Số phần tương tự - MCF5274LVM133

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5274LVM133 FREESCALE-MCF5274LVM133 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
More results

Mô tả tương tự - MCF5274LVM133

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com