công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVXT4053 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74LVXT4053
Giải thích chi tiết về linh kiện  Analog Multiplexer/ Demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4053 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74LVXT4053 Datasheet HTML 1Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 2Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 3Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 4Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 5Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 6Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 7Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 8Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 3
1
Publication Order Number:
MC74LVXT4053/D
MC74LVXT4053
Analog Multiplexer/
Demultiplexer
High–Performance Silicon–Gate CMOS
The MC74LVXT4053 utilizes silicon–gate CMOS technology to
achieve fast propagation delays, low ON resistances, and low OFF
leakage currents. This analog multiplexer/demultiplexer controls
analog voltages that may vary across the complete power supply range
(from VCC to VEE).
The LVXT4053 is similar in pinout to the LVX8053, the HC4053A,
and the metal–gate MC14053B. The Channel–Select inputs determine
which one of the Analog Inputs/Outputs is to be connected, by means
of an analog switch, to the Common Output/Input. When the Enable
pin is HIGH, all analog switches are turned off.
The Channel–Select and Enable inputs are compatible with standard
TTL levels.
This device has been designed so the ON resistance (RON) is more
linear over input voltage than the RON of metal–gate CMOS analog
switches and High–Speed CMOS analog switches.
Select Pins Compatible with TTL Levels
Fast Switching and Propagation Speeds
Low Crosstalk Between Switches
Analog Power Supply Range (V
CC – VEE) =
*3.0 V to )3.0 V
Digital (Control) Power Supply Range (V
CC – GND) = 2.5 to 6.0 V
Improved Linearity and Lower ON Resistance Than Metal–Gate,
HSL, or VHC Counterparts
Low Noise
Designed to Operate on a Single Supply with V
EE = GND, or Using
Split Supplies up to
$ 3.0 V
Break–Before–Make Circuitry
http://onsemi.com
SO–16
D SUFFIX
CASE 751B
TSSOP–16
DT SUFFIX
CASE 948F
SO EIAJ–16
M SUFFIX
CASE 966
1
8
9
16
1
8
16
9
18
LVXT4053
AWLYYWW
MARKING DIAGRAMS
LVXT
4053
AWLYWW
LVXT4053
ALYW
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
9
16
ORDERING INFORMATION
Device
Package
Shipping
MC74LVXT4053D
SO–16
48 Units/Rail
MC74LVXT4053DR2
SO–16
2500 Units/Reel
MC74LVXT4053DT
TSSOP–16
96 Units/Rail
MC74LVXT4053DTR2
TSSOP–16
2500 Units/Reel
MC74LVXT4053M
SO EIAJ–16
48 Units/Rail
MC74LVXT4053MEL
SO EIAJ–16
2000 Units/Reel


Số phần tương tự - MC74LVXT4053

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LVXT4053 ONSEMI-MC74LVXT4053 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053 Datasheet
206Kb / 14P
   Analog Multiplexer/ Demultiplexer
July, 2016 ??Rev. 7
MC74LVXT4053D ONSEMI-MC74LVXT4053D Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4053DG ONSEMI-MC74LVXT4053DG Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4053DG ONSEMI-MC74LVXT4053DG Datasheet
206Kb / 14P
   Analog Multiplexer/ Demultiplexer
July, 2016 ??Rev. 7
More results

Mô tả tương tự - MC74LVXT4053

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com