công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11690 bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện LB11690
Giải thích chi tiết về linh kiện  Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11690 bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  LB11690 Datasheet HTML 1Page - Sanyo Semicon Device LB11690 Datasheet HTML 2Page - Sanyo Semicon Device LB11690 Datasheet HTML 3Page - Sanyo Semicon Device LB11690 Datasheet HTML 4Page - Sanyo Semicon Device LB11690 Datasheet HTML 5Page - Sanyo Semicon Device LB11690 Datasheet HTML 6Page - Sanyo Semicon Device LB11690 Datasheet HTML 7Page - Sanyo Semicon Device LB11690 Datasheet HTML 8Page - Sanyo Semicon Device LB11690 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
No. 7543-2/19
LB11690, 11690H
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VCC max
VCC pin
45
V
Supply voltage 2
VB max
VB pin
60
V
Output current 1-1
IO max1-1
UL, VL, and WL pins, sink current
40
mA
Output current 1-2
IO max1-2
UL, VL, and WL pins, source current
30
mA
Output current 2
IO max2
UH, VH, and WH pins
20
mA
RF pin applied voltage
VRF max
4
V
LVS pin applied voltage
VLVS max
60
V
IN pin applied voltage
VIN max
IN1, IN2, and IN3 pins
V5 + 0.3
V
RES pin applied voltage
VRES max
V5 + 0.3
V
TOC pin applied voltage
VTOC max
V5 + 0.3
V
EI+ pin applied voltage
VEI+ max
V5 + 0.3
V
EI– pin applied voltage
VEI– max
V5 + 0.3
V
RC pin applied voltage
VRC max
V5 + 0.3
V
FV pin applied voltage
VFV max
V5 + 0.3
V
HP pin applied voltage
VHP max
45
V
Pd max1
Independent IC (LB11690 and LB11690H)
0.9
W
Allowable power dissipation
Pd max2
Mounted on designated PCB: 114.3
× 76.1 × 1.6 mm,
glass epoxy (LB11690H)
2.1
W
Operating temperature
Topr
–20 to +100
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C (Note: Ratings for the LB11690H are preliminary.)
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1
VCC
VCC pin
15 to 42
V
Supply voltage range 2
VB
VB pin
VCC + 13
V
Output current 1-1
IOUT1-1
UL, VL, and WL pins, sink current
30
mA
Output current 1-2
IOUT1-2
UL, VL, and WL pins, source current
–25
mA
Output current 2-1
IOUT2-1
UH, VH, and WH pins, sink current
15
mA
Output current 2-2
IOUT2-2
UH, VH, and WH pins, source current
–15
mA
12 V constant voltage output current
I12REG
–30
mA
5 V constant voltage output current
I5REG
–30
mA
HP pin applied voltage
VHP
0 to 42
V
HP pin output current
IHP
0 to 5
mA
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICC
15
20
mA
[5 V Constant Voltage Output (V5 pin)]
Output voltage
V5REG
IO = –5 mA
4.7
5.0
5.3
V
Line regulation
∆V5REG1 VCC = 15 to 42 V
40
100
mV
Load regulation
∆V5REG2 IO = –5 to –30 mA
10
30
mV
Temperature coefficient
∆V5REG3 Design target value*
0
mV/°C
Electrical Characteristics at Ta = 25°C, VCC = 36 V
Continued on next page.
Note :*Design target values and are not tested.


Số phần tương tự - LB11690

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693 SANYO-LB11693 Datasheet
129Kb / 12P
   Three-Phase Brushless Motor Driver for 24 V Fan Motors
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
More results

Mô tả tương tự - LB11690

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
   Pre-Driver IC for 3-Phase Brushless Motor
logo
Sanyo Semicon Device
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
   Power Brushless Motor Pre-Driver IC for OA Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com