công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4U-A5881-2 bảng dữ liệu(PDF) 4 Page - Bel Fuse Inc.

tên linh kiện 4U-A5881-2
Giải thích chi tiết về linh kiện  High Performance Servers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BEL [Bel Fuse Inc.]
Trang chủ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

4U-A5881-2 bảng dữ liệu(HTML) 4 Page - Bel Fuse Inc.

  4U-A5881-2 Datasheet HTML 1Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 2Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 3Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 4Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 5Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 6Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 7Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 8Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
tech.support@psbel.com
IN LED (INPUT OK)
DC Line within range
Solid Green
DC Line UV condition
Off
Redundant Operation - PSU1 operating and PSU2 has input power removed
Solid Yellow (PSU2) 1)
OUT LED 2) (OUTPUT OK)
PSON High
Blinking Yellow (1:1)
Hot-Standby Mode
Blinking Yellow/Green (1:2)
V1 or VSB out of regulation
Solid Yellow
Over temperature shutdown
Output over voltage shutdown (
V1 or VSB)
Output over current shutdown (
V1 or VSB)
Fan error (>15%)
Over temperature warning
Blinking Yellow/Green (2:1)
Minor fan regulation error (>5%, <15%)
Blinking Yellow/Green (1:1)
Redundant Operation - PSU1 operating and PSU2 has input power removed
Off (PSU2)
1) The LEDs will be ON till input power from PSU1 is removed.
2) The order of the criteria in the table corresponds to the testing precedence in the controller.
Table 1. LED Status
The front-end has 2 front LEDs showing the status of the supply. LED number one is green and indicates DC power is on or off,
while LED number two is bi-colored: green and yellow, and indicates DC power presence or fault situations. For the position of
the LEDs see Figure 5.
4.1 FRONT LEDS
4.2 GRAPHICAL USER INTERFACE
The Bel Power Solutions provides with its “I2C Utility” a Windows® XP/Vista/Win7 compatible graphical user interface
allowing the programming and monitoring of the PFE1100-12-054xD Front-End. The utility can be downloaded on
www.belpowersolutions.com and supports both the PSMI and PMBus™ protocols.
The GUI allows automatic discovery of the units connected to the communication bus and will show them in the navigation
tree. In the monitoring view the power supply can be controlled and monitored.
If the GUI is used in conjunction with the PFE1100-12-054xD Evaluation Kit it is also possible to control the PSON pin(s) of
the power supply.
Further there is a button to disable the internal fan for approximately 5 seconds (not implemented yet). This allows the user to
take input power measurements without fan consumptions to check efficiency compliance to the Climate Saver Computing
Platinum specification.


Số phần tương tự - 4U-A5881-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
3M Electronics
4U-0010-0614-7 3M-4U-0010-0614-7 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0615-4 3M-4U-0010-0615-4 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0618-8 3M-4U-0010-0618-8 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0629-5 3M-4U-0010-0629-5 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0649-3 3M-4U-0010-0649-3 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
More results

Mô tả tương tự - 4U-A5881-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bel Fuse Inc.
PFE1300-48-054NA BEL-PFE1300-48-054NA Datasheet
2Mb / 23P
   High performance servers
PFE600-12-054XA BEL-PFE600-12-054XA Datasheet
1Mb / 22P
   High performance servers
PFE850-12-054XA BEL-PFE850-12-054XA Datasheet
1Mb / 23P
   High performance servers
PFE1500-12-054 BEL-PFE1500-12-054 Datasheet
1Mb / 27P
   High Performance Servers
logo
Intel Corporation
PRO1000MT INTEL-PRO1000MT Datasheet
421Kb / 2P
   High-Performance Gigabit Copper Connection for Servers
82572EI INTEL-82572EI Datasheet
156Kb / 4P
   High-performance Gigabit Network Connectivity for Servers and Embedded System Designs
logo
Amphenol Corporation
RJSNE AMPHENOL-RJSNE Datasheet
272Kb / 2P
   Network servers
RJSSE AMPHENOL-RJSSE Datasheet
219Kb / 2P
   Network servers
RJHSE AMPHENOL-RJHSE Datasheet
211Kb / 2P
   Network servers
RJE74 AMPHENOL-RJE74 Datasheet
270Kb / 2P
   Network servers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com