công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7829BRW-1RL7 bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD7829BRW-1RL7
Giải thích chi tiết về linh kiện  3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7829BRW-1RL7 bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD7829BRW-1RL7 Datasheet HTML 7Page - Analog Devices AD7829BRW-1RL7 Datasheet HTML 8Page - Analog Devices AD7829BRW-1RL7 Datasheet HTML 9Page - Analog Devices AD7829BRW-1RL7 Datasheet HTML 10Page - Analog Devices AD7829BRW-1RL7 Datasheet HTML 11Page - Analog Devices AD7829BRW-1RL7 Datasheet HTML 12Page - Analog Devices AD7829BRW-1RL7 Datasheet HTML 13Page - Analog Devices AD7829BRW-1RL7 Datasheet HTML 14Page - Analog Devices AD7829BRW-1RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AD7829-1
Rev. 0 | Page 10 of 20
CIRCUIT INFORMATION
TIMING AND
CONTROL
LOGIC
R1
HOLD
SAMPLING
CAPACITOR
A
B
SW2
R16
R15
R14
R13
T/H 1
VIN
D7
D6
D5
D4
D3
D2
D1
D0
14
15
13
1
REFERENCE
CIRCUIT DESCRIPTION
The AD7829-1 consists of a track-and-hold amplifier followed
by a half-flash analog-to-digital converter. These devices use a
half-flash conversion technique where one 4-bit flash ADC is
used to achieve an 8-bit result. The 4-bit flash ADC contains a
sampling capacitor followed by 15 comparators that compare
the unknown input to a reference ladder to achieve a 4-bit result.
This first flash, that is, coarse conversion, provides the four
MSBs. For a full 8-bit reading to be realized, a second flash,
that is, a fine conversion, must be performed to provide the four
LSBs. The 8-bit word is then placed on the data output bus.
Figure 4 and Figure 5 show simplified schematics of the ADC.
When the ADC starts a conversion, the track-and-hold goes
into hold mode and holds the analog input for 120 ns. This is
the acquisition phase as shown in Figure 4, when Switch 2 is in
Position A. At the point when the track-and-hold returns to its
track mode, this signal is sampled by the sampling capacitor as
Switch 2 moves into Position B. The first flash occurs at this
instant and is then followed by the second flash. Typically, the
first flash is complete after 100 ns, that is, at 220 ns, while the
end of the second flash and, hence, the 8-bit conversion result,
is available at 330 ns (minimum). The maximum conversion
time is 420 ns. As shown in
Figure 5. ADC Conversion Phase
HOLD
HOLD
120ns
CONVST
EOC
CS
RD
DB0 TO DB7
t2
TRACK
TRACK
VALID
DATA
t1
t3
Figure 6, the track-and-hold returns
to track mode after 120 ns and starts the next acquisition before
the end of the current conversion. Figure 8 shows the ADC
transfer function.
TIMING AND
CONTROL
LOGIC
R1
HOLD
SAMPLING
CAPACITOR
A
B
SW2
R16
R15
R14
R13
T/H 1
VIN
D7
D6
D5
D4
D3
D2
D1
D0
14
15
13
1
REFERENCE
Figure 6. Track-and-Hold Timing
TYPICAL CONNECTION DIAGRAM
Figure 7 shows a typical connection diagram for the AD7829-1.
The AGND and DGND are connected together at the device for
good noise suppression. The parallel interface is implemented
using an 8-bit data bus. The end of conversion signal (EOC) idles
high, the falling edge of CONVST initiates a conversion, and at
the end of conversion the falling edge of EOC is used to initiate
an interrupt service routine (ISR) on a microprocessor (see the
Parallel Interface section). VREF IN/OUT and VMID are connected to a
voltage source, such as the AD780, while VDD is connected to a
voltage source that can vary from 4.5 V to 5.5 V (see Table 5 in
the Analog Input section). When VDD is first connected, the
AD7829-1 powers up in a low current mode, that is, power-down.
Ensure that the CONVST line is not floating when VDD is applied,
because this can put the AD7829-1 into an unknown state.
Figure 4. ADC Acquisition Phase


Số phần tương tự - AD7829BRW-1RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7829BRW-1RL7 AD-AD7829BRW-1RL7 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
More results

Mô tả tương tự - AD7829BRW-1RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7827BRZ AD-AD7827BRZ Datasheet
111Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com