công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCSO1ELS bảng dữ liệu(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

tên linh kiện MCSO1ELS
Giải thích chi tiết về linh kiện  low consumption 32.768 kHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Trang chủ  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO1ELS bảng dữ liệu(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSO1ELS_17 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO1ELS_17 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
MCSO1ELS low consumption 32.768 kHz
T range up to 200°C
SC cut quartz Crystal
Recommended Solder Pad:
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Frequency stability
Over temperature range R = -10 to +150°C
(see ordering info)
Including 2)*
ΔF/F
≤ ± 50
ppm
Frequency stability
Over temperature range S = -10 to +175°C
(see ordering info)
Including 2)*
ΔF/F
≤ ± 100
ppm
Frequency stability
Over temperature range T = -10 to +200°C
(see ordering info) Including
2)* 3)*
ΔF/F
≤ ± 150
ppm
Supply voltage ± 5%
1)*
Vdd
2.5 / 3.3 / 5
V
Input current
Idd
see table 1
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time
(load 15pf 20% to 80%)
25
ns
Level "0" & "1"
<0.4>Vdd-0.5
V
Start-up time
t
<5
ms
Load min / max
3/27
pF
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Avionics
- Airbone equipments
- Firefighterequipments
The MCSO1's are supplied on trays (91 pcs / tray)
For pick-and-place equipment, the parts are
available in 16mm tapes with 250 parts min
1000 parts max
SC cut quartz crystal
SMT Clock oscillator in ceramic
package
Fundamental quartz mode frequency
Ultra Low stability
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low internal MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
1
2
3
4
4 3
1 2
7,86
3,70
3,60
1,52
2,2
2,54
3,18
2,54
pin 1 E/D
pin 2 GND
pin 3 Fout
pin 4 Vdd
Package:
Bottom view
* 1) C = 47nF ceramic must be connected between GND & Vdd
Operable over 2.3 to 5.5V
* 2) adjustment at +25°C, long term aging 1000h at Tmax ordered
over supply voltage ±5% and over load min to max
* 3) Only available with Supply voltage 5V
Frequency stability
included 1000h at Tmax


Số phần tương tự - MCSO1ELS_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Golledge Electronics Lt...
MCSO1ELSV GOLLEDGE-MCSO1ELSV Datasheet
549Kb / 4P
   3.3V CMOS Low Frequency Oscillator with Tight Stability for Extreme Environments
MCSO1ELSW GOLLEDGE-MCSO1ELSW Datasheet
549Kb / 4P
   2.5V CMOS Low Frequency Oscillator with Tight Stability for Extreme Environments
More results

Mô tả tương tự - MCSO1ELS_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MICORO CRYSTAL SWITZERL...
MCSO1ELS MICROCRYSTAL-MCSO1ELS Datasheet
366Kb / 2P
   low consumption 32.768 kHz
MCSO2EL MICROCRYSTAL-MCSO2EL Datasheet
348Kb / 2P
   Very low consumption 32.768 kHz
MCSO2EU MICROCRYSTAL-MCSO2EU Datasheet
348Kb / 2P
   Ultra low consumption 32.768 kHz
logo
Oscilent Corporation
224-000312-20 OSCILENT-224-000312-20 Datasheet
129Kb / 2P
   32.768 KHz Crystal
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
   32.768 KHz Crystal
logo
Abracon Corporation
ABS25-32.768KHZ-T ABRACON-ABS25-32.768KHZ-T Datasheet
1Mb / 2P
   32.768 kHz LOW FREQUENCY SMD CRYSTAL
05.31.11
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
   Low Power Crystal Oscillator 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com