công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD0603-B0340R bảng dữ liệu(PDF) 1 Page - Bourns Electronic Solutions

tên linh kiện CD0603-B0340R
Giải thích chi tiết về linh kiện  Schottky Barrier Chip Diode Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOURNS [Bourns Electronic Solutions]
Trang chủ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD0603-B0340R bảng dữ liệu(HTML) 1 Page - Bourns Electronic Solutions

  CD0603-B0340R Datasheet HTML 1Page - Bourns Electronic Solutions CD0603-B0340R Datasheet HTML 2Page - Bourns Electronic Solutions CD0603-B0340R Datasheet HTML 3Page - Bourns Electronic Solutions CD0603-B0340R Datasheet HTML 4Page - Bourns Electronic Solutions CD0603-B0340R Datasheet HTML 5Page - Bourns Electronic Solutions CD0603-B0340R Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
n
RoHScompliant*
n
Leadlesschipform
n
Highcurrentcapability
n
Lowforwardvoltage
n
Halogenfree**
Applications
n
SwitchModePowerSupplies(SMPS)
n
Portableequipmentbatteries
n
Highfrequencyrectification
n
DC/DCconverters
n
Telecommunications
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
CD0603-B0xRSchottkyBarrierChipDiodeSeries
*RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)
andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Parameter
Symbol
CD0603-
Unit
B0240R
B0340R
Maximum Repetitive Peak Reverse Voltage
VRRM
40
V
Maximum Average Forward Rectified Current (TA = 55 °C)
IF(AV)
200
300
mA
Peak Forward Surge Current 8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
2
A
Operating Temperature Range
TJ
-40 to +125
°C
Storage Temperature Range
TSTG
-40 to +125
°C
General Information
Portable communications, computing and video equipment manufacturers are
challenging the semiconductor industry to develop increasingly smaller electronic
components.
Bourns offers small-signal Schottky Barrier Diodes for switching and rectification
applications, in a compact chip package compatible with 0603 (1608 metric) size format.
The Schottky Barrier Diodes offer a repetitive peak reverse voltage of 40 V with a
choice of forward current of 200 mA and 300 mA.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Instantaneous Forward Voltage
VF
IF = 50 mA
CD0603-B0240R
0.35
V
IF = 100 mA
0.38
IF = 200 mA
0.43
0.5
IF = 100 mA
CD0603-B0340R
0.38
IF = 200 mA
0.43
IF = 300 mA
0.47
0.5
Repetitive Peak Reverse Current
IRRM
VR = 10 V
CD0603-B0240R
0.5
1
µA
CD0603-B0340R
3
50
Junction Capacitance
CJ
VR = 4 V, f = 1.0 MHz
35
pF
Thermal Resistance
RθJA
Junction to Ambient
160
°C/W
RθJL
Junction to Lead
110
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com


Số phần tương tự - CD0603-B0340R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bourns Electronic Solut...
CD0603-B0340R BOURNS-CD0603-B0340R Datasheet
194Kb / 6P
   CD0603-B0xR Schottky Barrier Chip Diode Series
REV. 08/19
More results

Mô tả tương tự - CD0603-B0340R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bourns Electronic Solut...
CD123D-B1XR BOURNS-CD123D-B1XR Datasheet
587Kb / 6P
   Schottky Barrier Chip Diode Series
CD0603 BOURNS-CD0603 Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
logo
M/A-COM Technology Solu...
1N66XX MA-COM-1N66XX Datasheet
740Kb / 7P
   Schottky Barrier Diode Chip
logo
List of Unclassifed Man...
CD0805 ETC1-CD0805 Datasheet
332Kb / 9P
   Schottky Barrier Chip Diode Series - 0805
logo
Bourns Electronic Solut...
CD0603-B BOURNS-CD0603-B Datasheet
194Kb / 6P
   CD0603-B0xR Schottky Barrier Chip Diode Series
REV. 08/19
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
CD123D-B BOURNS-CD123D-B Datasheet
170Kb / 6P
   CD123D-B1xR Schottky Barrier Chip Diode Series
REV. 08/19
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com