công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5391BST-5-REEL bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
AD5391BST-5-REEL bảng dữ liệu(HTML) 3 Page - Analog Devices |
3 / 44 page AD5390/AD5391/AD5392 Rev. A | Page 3 of 44 GENERAL DESCRIPTION The AD5390/AD5391 are complete single-supply, 16-channel, 14-bit and 12-bit DACs, respectively. The AD5392 is a complete single-supply, 8-channel, 14-bit DAC. Devices are available both in 64-lead LFCSP and 52-lead LQFP packages. All channels have an on-chip output amplifier with rail-to-rail operation. All devices include an internal 1.25/2.5 V, 10 ppm/°C reference, an on-chip channel monitor function that multiplexes the analog outputs to a common MON_OUT pin for external monitoring, and an output amplifier boost mode that optimizes the output amplifier slew rate. The AD5390/AD5391/AD5392 contain a 3-wire serial interface with interface speeds in excess of 30 MHz that are compatible with SPI, QSPI, MICROWIRE, and DSP interface standards and an I2C-compatible interface supporting a 400 kHz data transfer rate. An input register followed by a DAC register provides double- buffering, allowing DAC outputs to be updated independently or simultaneously using the LDAC input. Each channel has a programmable gain and offset adjust register, letting the user fully calibrate any DAC channel. Power consumption is typically 0.25 mA per channel. Table 1. Additional High Channel Count, Low Voltage, Single-Supply DACs in Portfolio Model Resolution AVDD Range Output Channels Linearity Error (LSB) Package Description Package Option AD5380BST-5 14 Bits 4.5 V to 5.5 V 40 ±4 100-Lead LQFP ST-100 AD5380BST-3 14 Bits 2.7 V to 3.6 V 40 ±4 100-Lead LQFP ST-100 AD5384BBC-5 14 Bits 4.5 V to 5.5 V 40 ±4 100-Lead CSPBGA BC-100 AD5384BBC-3 14 Bits 2.7 V to 3.6 V 40 ±4 100-Lead CSPBGA BC-100 AD5381BST-5 12 Bits 4.5 V to 5.5 V 40 ±1 100-Lead LQFP ST-100 AD5381BST-3 12 Bits 2.7 V to 3.6 V 40 ±1 100-Lead LQFP ST-100 AD5382BST-5 14 Bits 4.5 V to 5.5 V 32 ±4 100-Lead LQFP ST-100 AD5382BST-3 14 Bits 2.7 V to 3.6 V 32 ±4 100-Lead LQFP ST-100 AD5383BST-5 12 Bits 4.5 V to 5.5 V 32 ±1 100-Lead LQFP ST-100 AD5383BST-3 12 Bits 2.7 V to 3.6 V 32 ±1 100-Lead LQFP ST-100 |
Số phần tương tự - AD5391BST-5-REEL |
|
Mô tả tương tự - AD5391BST-5-REEL |