công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9925 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD9925
Giải thích chi tiết về linh kiện  CCD Signal Processor with Vertical Driver and Precision Timing Generator
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9925 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD9925 Datasheet HTML 1Page - Analog Devices AD9925 Datasheet HTML 2Page - Analog Devices AD9925 Datasheet HTML 3Page - Analog Devices AD9925 Datasheet HTML 4Page - Analog Devices AD9925 Datasheet HTML 5Page - Analog Devices AD9925 Datasheet HTML 6Page - Analog Devices AD9925 Datasheet HTML 7Page - Analog Devices AD9925 Datasheet HTML 8Page - Analog Devices AD9925 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
AD9925
Rev. A | Page 5 of 96
VERTICAL DRIVER SPECIFICATIONS
VDVDD = 3.3 V, VH = 15 V, VM = 0 V, VL = −7.5 V, CL shown in load model, 25°C.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
3-LEVEL OUTPUTS (V1, V2, V3A, V3B, V5A, V5B)
(Simplified Load Conditions, 6000 pF to Ground)
Delay Time, VL to VM and VM to VH
tPLM, tPMH
100
ns
Delay Time, VM to VL and VH to VM
tPML, tPHM
200
ns
Rise Time, VL to VM and VM to VH
tRLM, tRMH
500
ns
Fall Time, VM to VL and VH to VM
tFML, tFHM
500
ns
Output Currents
At −7.25 V
10.0
mA
At −0.25 V
−5.0
mA
At +0.25 V
5.0
mA
At +14.75 V
−7.2
mA
2-LEVEL OUTPUTS (V4, V6, V7, V8)
(Simplified Load Conditions, 6000 pF to Ground)
Delay Time, VL to VM
tPLM
100
ns
Delay Time, VM to VL
tPML
200
ns
Rise Time, VL to VM
tRLM
500
ns
Fall Time, VM to VL
tFML
500
ns
Output Currents
At −7.25 V
10.0
mA
At −0.25 V
−5.0
mA
SUBCK OUTPUT
(Simplified Load Conditions, 1000 pF to Ground)
Delay Time, VL to VH
tPLH
100
ns
Delay Time, VH to VL
tPHL
200
ns
Rise Time, VL to VH
tRLH
200
ns
Fall Time, VH to VL
tFHL
200
ns
Output Currents
At −7.25 V
5.4
mA
At +14.75 V
−4.0
mA
SERIAL VERTICAL CLOCK RESISTANCE
30
GND VERTICAL CLOCK RESISTANCE
10
V-DRIVER
INPUT
tRLM, tRMH, tRLH
50%
10%
90%
tPLM, tPMH, tPLH
V-DRIVER
OUTPUT
10%
50%
90%
tFML, tFHM, tFHL
tPML, tPHM, tPHL
Figure 2. Definition of V-Driver Timing Specifications


Số phần tương tự - AD9925

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
More results

Mô tả tương tự - AD9925

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com