công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STB10N03 bảng dữ liệu(PDF) 1 Page - SamHop Microelectronics Corp.

tên linh kiện STB10N03
Giải thích chi tiết về linh kiện  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STB10N03 bảng dữ liệu(HTML) 1 Page - SamHop Microelectronics Corp.

  STB10N03 Datasheet HTML 1Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 2Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 3Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 4Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 5Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 6Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 7Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
Symbol
VDS
VGS
IDM
0.55
62.5
W
A
PD
°C
227
-55 to 150
ID
Units
Parameter
100
120
480
°C/W
V
V
±20
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
°C/W
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
100V
120A
4.0 @ VGS=10V
FEATURES
Super high dense cell design for extremely low RDS(ON).
High power and current handling capability.
TO-263 package.
S
G
D
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
b
TC=25°C
-Pulsed
b
A
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
R JA
www.samhop.com.tw
Aug,31,2016
1
Details are subject to change without notice.
A
76
TC=100°C
TC=100°C
91
W
STB10N03
Ver 1.0
Green
Product
EAS
Single Pulse Avalanche Energy
c
mJ
300
STB S ER IE S
TO-263(DD-P AK )
G
S
D


Số phần tương tự - STB10N03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STB10N60M2 STMICROELECTRONICS-STB10N60M2 Datasheet
1Mb / 24P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
STB10N65K3 STMICROELECTRONICS-STB10N65K3 Datasheet
1Mb / 21P
   N-channel 650 V, 0.75 廓 typ., 10 A SuperMESH3??Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
August 2013 Rev 4
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
   Switching applications
January 2014 Rev 3
STB10NA40 STMICROELECTRONICS-STB10NA40 Datasheet
127Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STB10NB20 STMICROELECTRONICS-STB10NB20 Datasheet
81Kb / 8P
   N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET
More results

Mô tả tương tự - STB10N03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com