công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7693 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD7693
Giải thích chi tiết về linh kiện  500 kSPS PulSAR Differential ADC in MSOP/LFCSP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7693 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD7693_17 Datasheet HTML 4Page - Analog Devices AD7693_17 Datasheet HTML 5Page - Analog Devices AD7693_17 Datasheet HTML 6Page - Analog Devices AD7693_17 Datasheet HTML 7Page - Analog Devices AD7693_17 Datasheet HTML 8Page - Analog Devices AD7693_17 Datasheet HTML 9Page - Analog Devices AD7693_17 Datasheet HTML 10Page - Analog Devices AD7693_17 Datasheet HTML 11Page - Analog Devices AD7693_17 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
AD7693
Rev. B | Page 7 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
REF
1
VDD
2
IN+
3
IN–
4
GND
5
VIO
10
SDI
9
SCK
8
SDO
7
CNV
6
AD7693
TOP VIEW
(Not to Scale)
Figure 5. 10-Lead MSOP Pin Configuration
1
REF
2
VDD
3
IN+
4
IN–
5
GND
NOTES
1. THE EXPOSED PAD IS CONNECTED
TO GND. THIS CONNECTION IS NOT
REQUIRED TO MEET THE ELECTRICAL
PERFORMANCES.
10 VIO
9SDI
8SCK
7SDO
6CNV
TOP VIEW
(Not to Scale)
AD7693
Figure 6. 10-Lead LFCSP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
REF
AI
Reference Input Voltage. The REF range is from 0.5 V to VDD. It is referred to the GND pin. This
pin should be decoupled closely to the pin with a 10 μF capacitor.
2
VDD
P
Power Supply.
3
IN+
AI
Differential Positive Analog Input.
4
IN−
AI
Differential Negative Analog Input.
5
GND
P
Power Supply Ground.
6
CNV
DI
Convert Input. This input has multiple functions. On its leading edge, it initiates the conversions
and selects the interface mode of the part: chain or CS mode. In chain mode, the data should be
read when CNV is high. In CS mode, the SDO pin is enabled when CNV is low.
7
SDO
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
8
SCK
DI
Serial Data Clock Input. When the part is selected, the conversion result is shifted out by this
clock.
9
SDI
DI
Serial Data Input. This input provides multiple features. It selects the interface mode of the ADC
as follows:
Chain mode is selected if SDI is low during the CNV rising edge. In this mode, SDI is used as a
data input to daisy-chain the conversion results of two or more ADCs onto a single SDO line.
The digital data level on SDI is output on SDO with a delay of 16 SCK cycles.
CS mode is selected if SDI is high during the CNV rising edge. In this mode, either SDI or CNV
can enable the serial output signals when low and if SDI or CNV is low when the conversion is
complete, the busy indicator feature is enabled.
10
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface (1.8 V,
2.5 V, 3 V, or 5 V).
EPAD
Exposed Pad. The exposed pad is connected to GND. This connection is not required to meet
the electrical performances. The exposed pad is only on the 10-Lead LFCSP.
1AI = analog input, DI = digital input, DO = digital output, and P = power.


Số phần tương tự - AD7693_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
More results

Mô tả tương tự - AD7693_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7946BRMZ AD-AD7946BRMZ Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com