công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP4410 bảng dữ liệu(PDF) 1 Page - SamHop Microelectronics Corp.

tên linh kiện STP4410
Giải thích chi tiết về linh kiện  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STP4410 bảng dữ liệu(HTML) 1 Page - SamHop Microelectronics Corp.

  STP4410 Datasheet HTML 1Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 2Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 3Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 4Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 5Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 6Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 7Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 8Page - SamHop Microelectronics Corp. STP4410 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
S mHop Microelectronics C orp.
a
STB4410
STP4410
Symbol
VDS
VGS
IDM
EAS
2
62.5
W
A
PD
°C
75
-55 to 175
ID
Units
Parameter
100
75
390
°C/W
V
V
±20
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
°C/W
576
mJ
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Typ
100V
75A
7.0 @ VGS=10V
FEATURES
Super high dense cell design for extremely low RDS(ON).
High power and current handling capability.
TO-220 & TO-263 package.
STB S ER IE S
TO-263(DD-P AK )
G
S
D
STP S ER IE S
TO-220
S
D
G
S
G
D
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
c
TC=25°C
-Pulsed
a c
A
Avalanche Energy
d
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
R JA
www.samhop.com.tw
Dec,26,2014
1
Details are subject to change without notice.
A
63
TC=70°C
TC=70°C
52.5
W
Green
Product
Ver 1.0


Số phần tương tự - STP4410

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Stanson Technology
STP4403 STANSON-STP4403 Datasheet
321Kb / 6P
   STP4403 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP4407 STANSON-STP4407 Datasheet
545Kb / 6P
   The STP4407 is the P-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
logo
VBsemi Electronics Co.,...
STP4407 VBSEMI-STP4407 Datasheet
898Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STP4407A DOINGTER-STP4407A Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STP4407A VBSEMI-STP4407A Datasheet
898Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Mô tả tương tự - STP4410

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com