công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1274 bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện TC1274
Giải thích chi tiết về linh kiện  3-Pin Reset Monitors for 5V Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1274 bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button TC1274 Datasheet HTML 2Page - Microchip Technology TC1274 Datasheet HTML 3Page - Microchip Technology TC1274 Datasheet HTML 4Page - Microchip Technology TC1274 Datasheet HTML 5Page - Microchip Technology TC1274 Datasheet HTML 6Page - Microchip Technology TC1274 Datasheet HTML 7Page - Microchip Technology TC1274 Datasheet HTML 8Page - Microchip Technology TC1274 Datasheet HTML 9Page - Microchip Technology TC1274 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC1272/TC1273/TC1274
DS21382B-page 6
 2003 Microchip Technology Inc.
4.2
VCC Transient Rejection
The TC1272/TC1273/TC1274 provides accurate VCC
monitoring and reset timing during power-up, power-
down and brownout/sag conditions, and rejects
negative-going transients (glitches) on the power
supply line. Figure 4-5 shows the maximum transient
duration vs. maximum negative excursion (overdrive)
for glitch rejection. Any combination of duration and
overdrive that lays under the curve will not generate a
reset signal. Combinations above the curve are
detected as a brownout or power-down condition.
Transient immunity can be improved by adding a
capacitor in close proximity to the VCC pin of the
TC1272/TC1273/TC1274.
4.3
RESET Signal Integrity During
Power-Down
The TC1272 RESET output is valid to VCC = 1.2V.
Below this voltage the output becomes an "open
circuit" and does not sink current. This means CMOS
logic inputs to the
µP will be floating at an undeter-
mined voltage. Most digital systems are completely
shut down well above this voltage. However, in situa-
tions where RESET must be maintained valid to
VCC = 0V, a pull-down resistor must be connected from
RESET to ground to discharge stray capacitances and
hold the output low (Figure 4-6). This resistor value,
though not critical, should be chosen such that it does
not appreciably load RESET under normal operation
(100 k
Ω will be suitable for most applications). Simi-
larly, a pull-up resistor to VCC is required for the
TC1274 to ensure a valid high RESET for VCC below
1.8V.
FIGURE 4-5:
Maximum Transient
Duration vs. Overdrive For Glitch Rejection At
+25°C.
FIGURE 4-6:
Ensuring Reset Valid To
Vcc =0V.
RESET COMPARATOR OVERDRIVE,
[VCCTP-VCC] (mV)
500
300
200
400
100
0
1
10
100
1000
TA = +25°C
VTH
Duration
Overdrive
VCC
TC1272/3/4
TC1272
VCC
VCC
R1
100 k
RESET
GND


Số phần tương tự - TC1274

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1270 MICROCHIP-TC1270 Datasheet
467Kb / 12P
   4-Pin 關P Reset Monitors
2002
TC1270 MICROCHIP-TC1270 Datasheet
674Kb / 14P
   4-Pin Reset Monitors
2007
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
   Voltage Supervisor with Manual Reset Input
2007
TC1270A MICROCHIP-TC1270A Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1270ALBVCTTR MICROCHIP-TC1270ALBVCTTR Datasheet
573Kb / 40P
   Voltage Supervisor with Manual Reset Input
2007
More results

Mô tả tương tự - TC1274

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2007
TC1275 MICROCHIP-TC1275_07 Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
TC1275 MICROCHIP-TC1275 Datasheet
457Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
05/01/02
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com