công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STD1553 bảng dữ liệu(PDF) 3 Page - SamHop Microelectronics Corp.

tên linh kiện STD1553
Giải thích chi tiết về linh kiện  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD1553 bảng dữ liệu(HTML) 3 Page - SamHop Microelectronics Corp.

  STD1553 Datasheet HTML 1Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 2Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 3Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 4Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 5Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 6Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 7Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 8Page - SamHop Microelectronics Corp. STD1553 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.samhop.com.tw
Jul,24,2015
3
Tj( °
C )
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C )
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C )
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(° C )
Figure 6. Breakdown Voltage Variation
with Temperature
35
28
21
14
0
0
0.5
1.0
1.5
2.0
2.5
25
20
15
10
5
0
0
1
6
5
4
3
2
Tj=125 C
-55 C
25 C
180
150
120
90
60
30
1
2.5
2.2
1.9
1.6
1.3
1.0
0
0
100
75
25
50
125
150
V GS =10V
ID=12A
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
V DS =V GS
ID=250uA
1.15
1.10
1.05
1.00
0.95
0.90
0.85
125 150
100
75
50
25
0
-25
-50
ID=250uA
7
V GS =10V
1
35
28
21
14
7
0.4
Ver 1.0
3.0
VGS=10V
VGS=4V
STU1553
STD1553
VGS=5V


Số phần tương tự - STD1553

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STD1554 SAMHOP-STD1554 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
STMicroelectronics
STD155N3H6 STMICROELECTRONICS-STD155N3H6 Datasheet
949Kb / 18P
   N-channel 30 V, 2.5 m , 80 A, D PAK, DPAK STripFET VI DeepGATE Power MOSFET
STD155N3LH6 STMICROELECTRONICS-STD155N3LH6 Datasheet
1,013Kb / 18P
   N-channel 30 V, 2.4 m廓 , 80 A, DPAK, DPAK STripFETVI DeepGATE Power MOSFET
logo
VBsemi Electronics Co.,...
STD155N3LH6 VBSEMI-STD155N3LH6 Datasheet
981Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Mô tả tương tự - STD1553

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com