công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BDW42 bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
BDW42 bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 8 page BDW42* − NPN, BDW46, BDW47* − PNP http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted) Characteristic Symbol Min Max Unit OFF CHARACTERISTICS Collector Emitter Sustaining Voltage (Note 1) (IC = 30 mAdc, IB = 0) BDW46 BDW42/BDW47 VCEO(sus) 80 100 − − Vdc Collector Cutoff Current (VCE = 40 Vdc, IB = 0) BDW46 (VCE = 50 Vdc, IB = 0) BDW42/BDW47 ICEO − − 2.0 2.0 mAdc Collector Cutoff Current (VCB = 80 Vdc, IE = 0) BDW46 (VCB = 100 Vdc, IE = 0) BDW42/BDW47 ICBO − − 1.0 1.0 mAdc Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0) IEBO − 2.0 mAdc ON CHARACTERISTICS (Note 1) DC Current Gain (IC = 5.0 Adc, VCE = 4.0 Vdc) (IC = 10 Adc, VCE = 4.0 Vdc) hFE 1000 250 − − Collector−Emitter Saturation Voltage (IC = 5.0 Adc, IB = 10 mAdc) (IC = 10 Adc, IB = 50 mAdc) VCE(sat) − − 2.0 3.0 Vdc Base−Emitter On Voltage (IC = 10 Adc, VCE = 4.0 Vdc) VBE(on) − 3.0 Vdc SECOND BREAKDOWN (Note 2) Second Breakdown Collector Current with Base Forward Biased BDW42 VCE = 28.4 Vdc VCE = 40 Vdc BDW46/BDW47 VCE = 22.5 Vdc VCE = 36 Vdc IS/b 3.0 1.2 3.8 1.2 − − − − Adc DYNAMIC CHARACTERISTICS Magnitude of common emitter small signal short circuit current transfer ratio (IC = 3.0 Adc, VCE = 3.0 Vdc, f = 1.0 MHz) fT 4.0 − MHz Output Capacitance (VCB = 10 Vdc, IE = 0, f = 0.1 MHz) BDW42 BDW46/BDW47 Cob − − 200 300 pF Small−Signal Current Gain (IC = 3.0 Adc, VCE = 3.0 Vdc, f = 1.0 kHz) hfe 300 − 1. Pulse Test: Pulse Width = 300 µs, Duty Cycle = 2.0%. 2. Pulse Test non repetitive: Pulse Width = 250 ms. 90 60 40 20 0 25 50 75 100 125 150 Figure 1. Power Temperature Derating Curve TC, CASE TEMPERATURE (°C) 80 70 50 30 10 |
Số phần tương tự - BDW42 |
|
Mô tả tương tự - BDW42 |