công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LDX-L30 bảng dữ liệu(PDF) 3 Page - Bel Fuse Inc.

tên linh kiện LDX-L30
Giải thích chi tiết về linh kiện  Sealed Lead Acid Battery
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BEL [Bel Fuse Inc.]
Trang chủ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDX-L30 bảng dữ liệu(HTML) 3 Page - Bel Fuse Inc.

  LDX-L30 Datasheet HTML 1Page - Bel Fuse Inc. LDX-L30 Datasheet HTML 2Page - Bel Fuse Inc. LDX-L30 Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LDX-L30
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00857_AA
Weight
1200 g
Dimensions
54 x 115 x 110 mm
Case Material
Aluminum
Mounting Rail
IEC 60715/H15/TH35-7.5(-15)
INPUT / OUTPUT CONNECTION:
-) = IN/OUT connector to (+/-) Battery
VDC / 1.2 Ah
VDC / 2.4 Ah
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.


Số phần tương tự - LDX-L30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
LDX-6515DS-A1M ETC-LDX-6515DS-A1M Datasheet
161Kb / 2P
   VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
LDX-6515DS-R2M ETC-LDX-6515DS-R2M Datasheet
161Kb / 2P
   VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
LDX-6515DS-VTM ETC-LDX-6515DS-VTM Datasheet
161Kb / 2P
   VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
logo
Bel Fuse Inc.
LDX-B20 BEL-LDX-B20 Datasheet
602Kb / 4P
   Wide voltage range 12 - 85 VDC
LDX-C120 BEL-LDX-C120 Datasheet
474Kb / 4P
   DC-UPS with charging function of a 12 or 24 VDC battery
More results

Mô tả tương tự - LDX-L30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Power Sonic Corporation
PG-12V35-FR POWER-SONIC-PG-12V35-FR Datasheet
416Kb / 2P
   Rechargeable Sealed Lead Acid Battery Rechargeable Sealed Lead Acid Battery
logo
List of Unclassifed Man...
PS-1230 ETC2-PS-1230 Datasheet
1Mb / 3P
   Rechargeable Sealed Lead Acid Battery
logo
Power Sonic Corporation
PDC-12200 POWER-SONIC-PDC-12200 Datasheet
1Mb / 2P
   Rechargeable Sealed Lead Acid Battery
PG-2V270 POWER-SONIC-PG-2V270 Datasheet
295Kb / 2P
   Rechargeable Sealed Lead Acid Battery
PG12V120-FR POWER-SONIC-PG12V120-FR Datasheet
361Kb / 2P
   Rechargeable Sealed Lead Acid Battery
DCG12-85 POWER-SONIC-DCG12-85 Datasheet
472Kb / 2P
   Rechargeable Sealed Lead Acid Battery
DCG12-100 POWER-SONIC-DCG12-100 Datasheet
472Kb / 2P
   Rechargeable Sealed Lead Acid Battery
DCG12-125 POWER-SONIC-DCG12-125 Datasheet
499Kb / 2P
   Rechargeable Sealed Lead Acid Battery
DCG12-200 POWER-SONIC-DCG12-200 Datasheet
480Kb / 2P
   Rechargeable Sealed Lead Acid Battery
PDC-1275 POWER-SONIC-PDC-1275 Datasheet
1Mb / 2P
   Rechargeable Sealed Lead Acid Battery
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com