công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LDT480-24 bảng dữ liệu(PDF) 2 Page - Bel Fuse Inc.

tên linh kiện LDT480-24
Giải thích chi tiết về linh kiện  3 phase AC input 400 ??500 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BEL [Bel Fuse Inc.]
Trang chủ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDT480-24 bảng dữ liệu(HTML) 2 Page - Bel Fuse Inc.

  LDT480-24 Datasheet HTML 1Page - Bel Fuse Inc. LDT480-24 Datasheet HTML 2Page - Bel Fuse Inc. LDT480-24 Datasheet HTML 3Page - Bel Fuse Inc. LDT480-24 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LDT480 Series
tech.support@psbel.com
LDT480-24
400 - 500 VAC / 470 - 725 VDC
3
24 VDC
20 A
Technical parameters are typical, measured in laboratory environment at 25°C and 400 VAC / 50 Hz, at nominal values, after
minimum 5 minutes of operation.
Input AC Voltage Range
Rated, three phase (UL certified)
Operating
400 – 500 VAC
340 – 550 VAC
Input DC Voltage Range
470 – 725 VDC
Input Frequency
47 - 63 Hz
Input AC Current
Vin = 400 VAC
1.3 A
Vin = 500 VAC
1.1 A
Input DC Current
Vin = 470 VDC
1.2 A
Vin = 725 VDC
0.8 A
Power Factor Correction
Active
> 0.9
Inrush Peak Current
≤ 60 A
Touch (Leakage) Current
≤ 0.5 mA
Internal Protection Fuse
None, external fuse must be provided
Recommended External Protection
It is strongly recommended to provide external surge
arresters (SPD) according to local regulations
Fuse 3x 6.3 AT or 3x MCB 6 A C curve
or 3x 4 A D curve
Output Power
480 W
Rated Voltage (Adjustable Voltage Range)
24 VDC (23 – 28 VDC)
Continuous Current
20 A
Overload Limit
28 A
Short Circuit Peak Current
50 A
Load Regulation
≤ 1.0%
Ripple & Noise1
≤ 50 mVpp
Hold up Time
≥ 20 ms
Protections
Overload, short circuit: Hiccup mode
Thermal protection
Output overvoltage
Output Over Voltage Protection
≥ 33 VDC
Status Signals
DC OK - green LED
OVERLOAD - red LED
DC OK - dry contact (NO, 24 VDC / 1 A)
Parallel Connection
Possible for redundancy (with external ORing module)
Efficiency
> 92%
Dissipated Power
< 42 W
1
Ripple and Noise are measured with 20 MHz bandwidth, probe terminated with a 0.1
μF MKP parallel capacitor.
NOTE: Power rating, losses, efficiency, ripple, thermal behaviour and start-up may change outside of the nominal rated input range.
Contact factory for details.


Số phần tương tự - LDT480-24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
LDT481-12 BEL-LDT481-12 Datasheet
660Kb / 4P
   Process Control
LDT481-24 BEL-LDT481-24 Datasheet
660Kb / 4P
   Process Control
LDT481-48 BEL-LDT481-48 Datasheet
660Kb / 4P
   Process Control
LDT481-72 BEL-LDT481-72 Datasheet
660Kb / 4P
   Process Control
More results

Mô tả tương tự - LDT480-24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bel Fuse Inc.
LDT2400 BEL-LDT2400 Datasheet
702Kb / 5P
   3 phase AC input: 400 ??500 VAC
LDT960 BEL-LDT960 Datasheet
716Kb / 4P
   3 phase AC input 400 ??500 VAC
logo
Powerbox
C4800 POWERBOX-C4800 Datasheet
219Kb / 3P
   AC input 1 or 3-phase, 47 - 400 Hz
logo
Vishay Siliconix
440LD68-R VISHAY-440LD68-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 400 VAC/Class Y1, 500 VAC
Revision: 06-Jun-13
logo
Bel Fuse Inc.
LDN240 BEL-LDN240 Datasheet
539Kb / 4P
   Single phase AC input 120 / 240 VAC (with switch)
LDW120-12 BEL-LDW120-12 Datasheet
425Kb / 4P
   Single or two phase input AC 187 ??550 VAC
LDN240-12 BEL-LDN240-12 Datasheet
413Kb / 4P
   Single phase AC input 120 / 240 VAC (with switch)
LDN120-12 BEL-LDN120-12 Datasheet
410Kb / 4P
   Single phase AC input 90 ??264 VAC (110 - 345 VDC)
LDN120 BEL-LDN120 Datasheet
542Kb / 4P
   Single phase AC input 90 ??264 VAC (110 - 345 VDC
LDN40 BEL-LDN40 Datasheet
615Kb / 4P
   Single phase AC input 90 - 264 VAC (110 - 345 VDC)
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com