công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1N5998 bảng dữ liệu(PDF) 1 Page - Microsemi Corporation |
|
1N5998 bảng dữ liệu(HTML) 1 Page - Microsemi Corporation |
1 / 3 page Axial-Leaded 500 mW Zener Diodes Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 1 Copyright 2003 11-03-2003 REV A SCOTTSD A L E DIVISION 1N5985 thru 1N6031-1 DO-35 DESCRIPTION APPEARANCE The popular 1N5985 thru 1N6031 series of 0.5 watt Zener Voltage Regulators provides a selection from 2.4 to 200 volts in standard 5% or 10% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These glass axial-leaded DO-35 Zeners are also available in various military screening levels by adding a prefix identifier as described in the Features section. Microsemi also offers numerous other Zener products to meet higher and lower power applications. DO-35 (DO-204AH ) IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com FEATURES APPLICATIONS / BENEFITS • JEDEC registered 1N5985 to 1N6031 • Similar to operating current conditions of the BZX55 Pro Electron series of Zener products in Europe • Internal bonds optionally available with “-1” suffix • Options for screening in accordance with MIL-PRF- 19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers with “-1” suffix. • Surface mount equivalents available as MLL5985 to MLL6031 in the DO-213AA MELF style package including “-1” suffix options (consult factory for others) • DO-7 glass body axial-leaded Zener equivalents are also available • Regulates voltage over a broad operating current and temperature range • Extensive selection from 2.4 to 200 V • Standard voltage tolerances are plus/minus 5% with B suffix, 10 % with A suffix identification • Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively • Flexible axial-lead mounting terminals • Nonsensitive to ESD (MIL-STD-750 Method 1020) • Minimal capacitance (see Figure 2) • Inherently radiation hard as described in Microsemi MicroNote 050 MAXIMUM RATINGS MECHANICAL AND PACKAGING • Power dissipation at 25ºC: 0.5 watts (also see derating in Figure 1). • Operating and Storage temperature: -65ºC to +175ºC • Thermal Resistance: 250 ºC/W junction to lead at 3/8 (10 mm) lead length from body, or 310 ºC/W junction to ambient when mounted on FR4 PC board (1 oz Cu) with 4 mm 2 copper pads and track width 1 mm, length 25 mm • Steady-State Power: 0.5 watts at TL < 50oC 3/8 inch (10 mm) from body or 0.48 W at TA < 25 ºC when mounted on FR4 PC board as described for thermal resistance above (also see Figure1) • Forward voltage @200 mA: 1.1 volts (maximum) • Solder Temperatures: 260 ºC for 10 s (max) • CASE: Hermetically sealed axial-lead glass DO-35 (DO-204AH) package • TERMINALS: Leads, tin-lead plated solderable per MIL-STD-750, method 2026 • POLARITY: Cathode indicated by band. Diode to be operated with the banded end positive with respect to the opposite end for Zener regulation • MARKING: Part number • TAPE & REEL option: Standard per EIA-296 (add “TR” suffix to part number) • WEIGHT: 0.2 grams • See package dimensions on last page |
Số phần tương tự - 1N5998 |
|
Mô tả tương tự - 1N5998 |