công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP820S bảng dữ liệu(PDF) 3 Page - SamHop Microelectronics Corp.

tên linh kiện STP820S
Giải thích chi tiết về linh kiện  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STP820S bảng dữ liệu(HTML) 3 Page - SamHop Microelectronics Corp.

  STP820S Datasheet HTML 1Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 2Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 3Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 4Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 5Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 6Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 7Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 8Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.samhop.com.tw
3
Tj( °
C )
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C )
Figure 3. On-Resistance vs. Drain Current
Figure 4. On-Resistance Variation with Drain
Tj, Junction Temperature(° C )
Figure 5. Gate Threshold Variation
Tj, Junction Temperature(° C )
Figure 6. Breakdown Voltage Variation
and Gate Voltage
Current and Temperature
with Temperature
with Temperature
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-50
-25
150
V DS =V GS
ID=250uA
0
25
50
75
100 125 150
1.3
1.2
1.1
1.0
0.9
0.8
0.7
ID=250uA
100
75
50
25
0125
-50
-25
Jun,08,2015
STB820S
STP820S
Ver 1.0
24
18
12
6
0
4.0
30
2.4
1.6
0.8
0
3.2
4.8
25 C
TJ =125 C
-55 C
80
64
48
32
16
0
3.0
VGS =10V
VGS =3.5V
48
40
32
24
16
8
1
16
32
48
64
80
1
V GS =10V
2.0
1.8
1.6
1.4
1.2
1.0
0.0
0
25
50
75
150
100
125
V GS =10V
ID=27A
V GS =4.5V
ID=25A
V GS =4.5V
0.5
0
1.5
1.0
2.0
2.5
VGS =4.5V
VGS =4V
VGS =3V


Số phần tương tự - STP820S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SHENZHEN DOINGTER SEMIC...
STP80L60 DOINGTER-STP80L60 Datasheet
974Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STP80N03L-06 STMICROELECTRONICS-STP80N03L-06 Datasheet
77Kb / 5P
   N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
STP80N05-09 STMICROELECTRONICS-STP80N05-09 Datasheet
114Kb / 9P
   N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
STP80N06-10 STMICROELECTRONICS-STP80N06-10 Datasheet
77Kb / 5P
   N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
STP80N06-10 VBSEMI-STP80N06-10 Datasheet
998Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Mô tả tương tự - STP820S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com