công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7193 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD7193
Giải thích chi tiết về linh kiện  24-Bit Sigma-Delta ADC with PGA
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7193 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD7193 Datasheet HTML 2Page - Analog Devices AD7193 Datasheet HTML 3Page - Analog Devices AD7193 Datasheet HTML 4Page - Analog Devices AD7193 Datasheet HTML 5Page - Analog Devices AD7193 Datasheet HTML 6Page - Analog Devices AD7193 Datasheet HTML 7Page - Analog Devices AD7193 Datasheet HTML 8Page - Analog Devices AD7193 Datasheet HTML 9Page - Analog Devices AD7193 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Data Sheet
AD7193
Rev. E | Page 5 of 56
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments1
Normal-Mode Rejection2
Sinc4 Filter
Internal Clock
@ 50 Hz, 60 Hz
100
dB
10 Hz output data rate, 50 Hz ± 1 Hz,
60 Hz ± 1 Hz
74
dB
50 Hz output data rate, REJ606 = 1,
50 Hz ± 1 Hz, 60 Hz ± 1 Hz
@ 50 Hz
96
dB
50 Hz output data rate, 50 Hz ± 1 Hz
@ 60 Hz
97
dB
60 Hz output data rate, 60 Hz ± 1 Hz
External Clock
@ 50 Hz, 60 Hz
120
dB
10 Hz output data rate, 50 Hz ± 1 Hz,
60 Hz ± 1 Hz
82
dB
50 Hz output data rate, REJ606 = 1,
50 Hz ± 1 Hz, 60 Hz ± 1 Hz
@ 50 Hz
120
dB
50 Hz output data rate, 50 Hz ± 1 Hz
@ 60 Hz
120
dB
60 Hz output data rate, 60 Hz ± 1 Hz
Sinc3 Filter
Internal Clock
@ 50 Hz, 60 Hz
75
dB
10 Hz output data rate, 50 Hz ± 1 Hz,
60 Hz ± 1 Hz
60
dB
50 Hz output data rate, REJ606 = 1,
50 Hz ± 1 Hz, 60 Hz ± 1 Hz
@ 50 Hz
70
dB
50 Hz output data rate, 50 Hz ± 1 Hz
@ 60 Hz
70
dB
60 Hz output data rate, 60 Hz ± 1 Hz
External Clock
@ 50 Hz, 60 Hz
100
dB
10 Hz output data rate, 50 Hz ± 1 Hz,
60 Hz ± 1 Hz
@ 50 Hz
67
dB
50 Hz output data rate, REJ606 = 1,
50 Hz ± 1 Hz, 60 Hz ± 1 Hz
@ 50 Hz
95
dB
50 Hz output data rate, 50 Hz ± 1 Hz
@ 60 Hz
95
dB
60 Hz output data rate, 60 Hz ± 1 Hz
Fast Settling
Internal Clock
@ 50 Hz
26
dB
FS[9:0]3 = 6, average by 16, 50 Hz ± 0.5 Hz
@ 60 Hz
26
dB
FS[9:0]3 = 5, average by 16, 60 Hz ± 0.5 Hz
External Clock
@ 50 Hz
40
dB
FS[9:0]3 = 6, average by 16, 50 Hz ± 0.5 Hz
@ 60 Hz
40
dB
FS[9:0]3 = 5, average by 16, 60 Hz ± 0.5 Hz
ANALOG INPUTS
Differential Input
Voltage Ranges
±VREF/gain
V
VREF = REFINx(+) − REFINx(−), gain = 1 to 128
−(AVDD − 1.25 V)/gain
+(AVDD − 1.25 V)/gain
V
Gain > 1
Absolute AIN Voltage
Limits2
Unbuffered Mode
AGND − 0.05
AVDD + 0.05
V
Buffered Mode
AGND + 0.25
AVDD − 0.25
V
Analog Input Current
Buffered Mode
Input Current2
−2
+2
nA
Gain = 1
−3
+3
nA
Gain > 1
Input Current Drift
±5
pA/°C
Unbuffered Mode
Input Current
±3.5
µA/V
Gain = 1, input current varies with input
voltage
±1
µA/V
Gain > 1
Input Current Drift
±0.05
nA/V/°C
External clock
±1.6
nA/V/°C
Internal clock


Số phần tương tự - AD7193

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
476Kb / 9P
   Devices Connected
AD7193BRUZ AD-AD7193BRUZ Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193BRUZ-REEL AD-AD7193BRUZ-REEL Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
More results

Mô tả tương tự - AD7193

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
   24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com