công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7988-5CCPZ-RL bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD7988-5CCPZ-RL
Giải thích chi tiết về linh kiện  16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7988-5CCPZ-RL bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD7988-5CCPZ-RL Datasheet HTML 1Page - Analog Devices AD7988-5CCPZ-RL Datasheet HTML 2Page - Analog Devices AD7988-5CCPZ-RL Datasheet HTML 3Page - Analog Devices AD7988-5CCPZ-RL Datasheet HTML 4Page - Analog Devices AD7988-5CCPZ-RL Datasheet HTML 5Page - Analog Devices AD7988-5CCPZ-RL Datasheet HTML 6Page - Analog Devices AD7988-5CCPZ-RL Datasheet HTML 7Page - Analog Devices AD7988-5CCPZ-RL Datasheet HTML 8Page - Analog Devices AD7988-5CCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7988-1/AD7988-5
Data Sheet
Rev. G | Page 4 of 24
SPECIFICATIONS
VDD = 2.5 V, VIO = 1.71 V to 5.5 V, VREF = 5 V, TA = –40°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
IN+ − IN−
0
VREF
V
Absolute Input Voltage
IN+
−0.1
VREF + 0.1
V
IN−
−0.1
+0.1
V
Analog Input CMRR
fIN = 1 kHz
60
dB
Leakage Current at 25°C
Acquisition phase
1
nA
Input Impedance
See the Analog Inputs section
ACCURACY
No Missing Codes
16
Bits
Differential Linearity Error
VREF = 5 V
−0.9
±0.4
+0.9
LSB1
VREF = 2.5 V
±0.55
LSB1
Integral Linearity Error
VREF = 5 V
−1.25
±0.6
+1.25
LSB1
VREF = 2.5 V
±0.65
LSB1
Transition Noise
VREF = 5 V
0.6
LSB1
VREF = 2.5 V
1.0
LSB1
Gain Error, TMIN to TMAX2
±2
LSB1
Gain Error Temperature Drift
±0.35
ppm/°C
Zero Error, TMIN to TMAX2
−0.5
±0.08
+0.5
mV
Zero Temperature Drift
0.54
ppm/°C
Power Supply Sensitivity
VDD = 2.5 V ± 5%
±0.1
LSB1
THROUGHPUT
AD7988-1
Conversion Rate
0
100
kSPS
Transient Response
Full-scale step
500
ns
AD7988-5
Conversion Rate
0
500
kSPS
Transient Response
Full-scale step
400
ns
AC ACCURACY
Dynamic Range
VREF = 5 V
92
dB3
VREF = 2.5 V
87
dB3
Oversampled Dynamic Range
fO = 10 kSPS
111
dB3
Signal-to-Noise Ratio, SNR
fIN = 10 kHz, VREF = 5 V
90
91.5
dB3
fIN = 10 kHz, VREF = 2.5 V
87
dB3
Spurious-Free Dynamic Range, SFDR
fIN = 10 kHz
−110
dB3
Total Harmonic Distortion, THD
fIN = 10 kHz
−114
dB3
Signal-to-(Noise + Distortion), SINAD
fIN = 10 kHz, VREF = 5 V
91
dB3
fIN = 10 kHz, VREF = 2.5 V
86.5
dB3
1
LSB means least significant bit. With the 5 V input range, 1 LSB is 76.3 µV.
2
See the Terminology section. These specifications include full temperature range variation, but not the error contribution from the external reference.
3
All specifications in dB are referred to a full-scale input FSR. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.


Số phần tương tự - AD7988-5CCPZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7988-5 AD-AD7988-5 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7988-5 AD-AD7988-5 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
AD7988-5BCPZ-RL AD-AD7988-5BCPZ-RL Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7988-5BCPZ-RL AD-AD7988-5BCPZ-RL Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
AD7988-5BCPZ-RL7 AD-AD7988-5BCPZ-RL7 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
More results

Mô tả tương tự - AD7988-5CCPZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com