công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7988-5BCPZ-RL bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD7988-5BCPZ-RL
Giải thích chi tiết về linh kiện  16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7988-5BCPZ-RL bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD7988-5BCPZ-RL Datasheet HTML 3Page - Analog Devices AD7988-5BCPZ-RL Datasheet HTML 4Page - Analog Devices AD7988-5BCPZ-RL Datasheet HTML 5Page - Analog Devices AD7988-5BCPZ-RL Datasheet HTML 6Page - Analog Devices AD7988-5BCPZ-RL Datasheet HTML 7Page - Analog Devices AD7988-5BCPZ-RL Datasheet HTML 8Page - Analog Devices AD7988-5BCPZ-RL Datasheet HTML 9Page - Analog Devices AD7988-5BCPZ-RL Datasheet HTML 10Page - Analog Devices AD7988-5BCPZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD7988-1/AD7988-5
Rev. G | Page 7 of 24
VDD = 2.37 V to 2.63 V, VIO = 1.71 V to 3.3 V, −40°C to +125°C unless otherwise stated. See Figure 2 and Figure 3 for load conditions.
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
AD7988-1
Throughput Rate
100
kHz
Conversion Time: CNV Rising Edge to Data Available
tCONV
9.5
μs
Acquisition Time
tACQ
500
ns
Time Between Conversions
tCYC
10
μs
AD7988-5
Throughput Rate
500
kHz
Conversion Time: CNV Rising Edge to Data Available
tCONV
B Grade
1.6
μs
C Grade
1.2
μs
Acquisition Time
tACQ
B Grade
400
ns
C Grade
800
ns
Time Between Conversions
tCYC
2
μs
CNV Pulse Width (CS Mode)
tCNVH
500
ns
SCK Period (CS Mode)
tSCK
22
ns
SCK Period (Chain Mode)
tSCK
23
ns
SCK Low Time
tSCKL
6
ns
SCK High Time
tSCKH
6
ns
SCK Falling Edge to Data Remains Valid
tHSDO
3
ns
SCK Falling Edge to Data Valid Delay
tDSDO
14
21
ns
CNV or SDI Low to SDO D15 MSB Valid (CS Mode)
tEN
18
40
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
tDIS
20
ns
SDI Valid Setup Time from CNV Rising Edge
tSSDICNV
5
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
tHSDICNV
10
ns
SDI Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSDICNV
0
ns
SCK Valid Setup Time from CNV Rising Edge (Chain Mode)
tSSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge (Chain Mode)
tSSDISCK
2
ns
SDI Valid Hold Time from SCK Falling Edge (Chain Mode)
tHSDISCK
3
ns
500µA
IOL
500µA
IOH
1.4V
TO SDO
CL
20pF
Figure 2. Load Circuit for Digital Interface Timing
X% VIO1
Y% VIO1
VIH2
VIL2
VIL2
VIH2
tDELAY
tDELAY
1
FOR VIO ≤ 3.0V, X = 90 AND Y = 10; FOR VIO > 3.0V X = 70, AND Y = 30.
2MINIMUM VIH AND MAXIMUM VIL USED. SEE DIGITAL INPUTS
SPECIFICATIONS IN TABLE 3.
Figure 3. Voltage Levels for Timing


Số phần tương tự - AD7988-5BCPZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7988-5BCPZ-RL AD-AD7988-5BCPZ-RL Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7988-5BCPZ-RL AD-AD7988-5BCPZ-RL Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
AD7988-5BCPZ-RL7 AD-AD7988-5BCPZ-RL7 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7988-5BCPZ-RL7 AD-AD7988-5BCPZ-RL7 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
More results

Mô tả tương tự - AD7988-5BCPZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com