công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD2S44-TM11B bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD2S44-TM11B
Giải thích chi tiết về linh kiện  Dual Channel Synchro/Resolver-to-Digital Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD2S44-TM11B bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD2S44-TM11B Datasheet HTML 4Page - Analog Devices AD2S44-TM11B Datasheet HTML 5Page - Analog Devices AD2S44-TM11B Datasheet HTML 6Page - Analog Devices AD2S44-TM11B Datasheet HTML 7Page - Analog Devices AD2S44-TM11B Datasheet HTML 8Page - Analog Devices AD2S44-TM11B Datasheet HTML 9Page - Analog Devices AD2S44-TM11B Datasheet HTML 10Page - Analog Devices AD2S44-TM11B Datasheet HTML 11Page - Analog Devices AD2S44-TM11B Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
AD2S44
Rev. B | Page 7 of 12
THEORY OF OPERATION
The AD2S44 operates on a tracking principle. The output digital
word continually tracks the position of the synchro/resolver
shaft without the need for external convert commands and
status wait loops. As the transducer moves through a position
equivalent to the least significant bit weighting, the output
digital word is updated.
Each channel is identical in operation, sharing power supply
and output pins. Both channels operate continuously and
independently of each other. The digital output from either
channel is available after switching the channel select and
output enable inputs.
If the device is a synchro-to-digital converter, the 3-wire synchro
output is connected to the S1, S2, and S3 pins on the unit, and
a solid-state Scott T input conditioner converts these signals into
resolver format given by
V1 = K E0 sin ωt sin θ
V2 = K E0 sin ωt cos θ
where:
θ is the angle of the synchro shaft.
E0 sin ωt is the reference signal.
K is the transformation ratio of the input signal conditioner.
If the unit is a resolver-to-digital converter, the 4-wire resolver
output is connected directly to the S1, S2, S3, and S4 pins on
the unit.
To understand the conversion process, assume that the current
word state of the up-down counter is ϕ. V1 is multiplied by cos ϕ,
and V2 is multiplied by sin ϕ to give the following:
K E0 sin ωt sin θ cos ϕ
K E0 sin ωt cos θ sin ϕ
These signals are subtracted by the error amplifier to give
K E0 sin ωt (sin θ cos ϕ − cos θ sin ϕ)
or
K E0 sin ωt sin (θ − ϕ)
A phase sensitive detector, integrator, and voltage-controlled
oscillator (VCO) form a closed-loop system that seeks to null sin
(θ − ϕ). When this is accomplished, the word state of the up-down
counter (ϕ) equals the synchro/resolver shaft angle (θ), to within
the rated accuracy of the converter.
CONNECTING THE CONVERTER
The power supply voltages connected to −VS and +VS are to be
±15 V and cannot be reversed.
It is suggested that a parallel combination of a ceramic 100 nF
capacitor and a tantalum 6.8 µF capacitor be placed from each
of the supply pins to GND.
The pin marked GND is connected electrically to the case and
is to be taken to 0 V potential in the system.
The digital output is taken from Pin 26 to Pin 32 and from Pin 1
to Pin 7. Pin 26 is the MSB, and Pin 7 is the LSB.
The reference connections are made to the RHI pins and the RLO
pins. In the case of a synchro, the signals are connected to the
S1, S2, and S3 pins, according to the following convention:
ES1−S3 = ERLO−RHIsin ωt sin θ
ES3−S2 = ERLO−RHIsin ωt sin (θ − 120°)
ES2−S1 = ERLO−RHIsin ωt sin (θ – 240°)
For a resolver, the signals are connected to the S1, S2, S3, and S4
pins, according to the following convention:
ES1−S3 = ERLO−RHIsin ωt sin θ
ES2−S4 = ERLO−RHIsin ωt cos θ
CHANNEL SELECT (A/B)
A/B is the channel select input. A Logic 1 selects Channel A, and
a Logic 0 selects Channel B. Data becomes valid 640 ns after A/B
is toggled. Timing information is shown in Figure 4 and Figure 5.
AD2S44
REFERENCE
CONDITIONER
SYNCHRO/
RESOLVER
CONDITIONER
PHASE-
SENSITIVE
DETECTOR
THREE-
STATE
OUTPUT
LATCHES
DB1 (MSB)
TO
DB14 (LSB)
PHASE-
SENSITIVE
DETECTOR
HIGH
SPEED
SIN/COS
MULTIPLIER
V1
V2
BUILT-IN
TEST
DETECTION
ERROR
AMP
UP-DOWN
COUNTER
UP-DOWN
COUNTER
INTEGRATOR
VCO
VCO
INTEGRATOR
ERROR
AMP
HIGH
SPEED
SIN/COS
MULTIPLIER
SYNCHRO/
RESOLVER
CONDITIONER
REFERENCE
CONDITIONER
S3 (A)
RHI (A)
RLO (A)
RHI (B)
RLO (B)
+VS
–VS
GND
S4 (A)
S1 (A)
S2 (A)
S3 (B)
S4 (B)
S1 (B)
S2 (B)
OE
A/B
BIT
Figure 3. Functional Block Diagram


Số phần tương tự - AD2S44-TM11B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD2S44-TM11B AD-AD2S44-TM11B Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
More results

Mô tả tương tự - AD2S44-TM11B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
SDC-RDC1700 AD-SDC-RDC1700_15 Datasheet
2Mb / 6P
   LOW PROFILE SYNCHRO RESOLVER TO DIGITAL CONVERTER
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S44-TM18B AD-AD2S44-TM18B Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
logo
List of Unclassifed Man...
VMIVME-4905 ETC2-VMIVME-4905 Datasheet
89Kb / 3P
   High Power Digital-to-Synchro/Resolver Converter Board
logo
Analog Devices
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
   LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
DRC1745 AD-DRC1745_15 Datasheet
3Mb / 8P
   High Power Output Hybrid Digital to Synchro Resolver Converters
DRC1746 AD-DRC1746_15 Datasheet
3Mb / 8P
   HIGH POWER OUTPUT HYBRID DIGITAL TO SYNCHRO RESOLVER CONVERTERS
REV. A
SDC1768 AD-SDC1768 Datasheet
711Kb / 6P
   12- AND 14- BIT HYBRID SYNCHRO / RESOLVER TO DIGITAL CONVERTERS
SDC174A411 AD-SDC174A411 Datasheet
3Mb / 8P
   12-and 14-bit hybrid Synchro/Resolver-to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com