công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC14DBR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AHC14DBR
Giải thích chi tiết về linh kiện  HEX SCHMITT-TRIGGER INVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC14DBR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74AHC14DBR Datasheet HTML 1Page - Texas Instruments SN74AHC14DBR Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SN54AHC14, SN74AHC14
HEX SCHMITT-TRIGGER INVERTERS
SCLS238I – OCTOBER 1995 – REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range 2-V to 5.5-V VCC
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54AHC14 ...J OR W PACKAGE
SN74AHC14 . . . D, DB, DGV, N, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54AHC14 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
SN74AHC14 . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
description/ordering information
The ’AHC14 devices contain six independent inverters. These devices perform the Boolean function Y = A.
Each circuit functions as an independent inverter, but because of the Schmitt action, the inverters have different
input threshold levels for positive-going (VT+) and negative-going (VT–) signals.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN – RGY
Tape and reel
SN74AHC14RGYR
HA14
PDIP – N
Tube
SN74AHC14N
SN74AHC14N
SOIC – D
Tube
SN74AHC14D
AHC14
SOIC – D
Tape and reel
SN74AHC14DR
AHC14
–40
°C to 85°C
SOP – NS
Tape and reel
SN74AHC14NSR
AHC14
SSOP – DB
Tape and reel
SN74AHC14DBR
HA14
TSSOP
PW
Tube
SN74AHC14PW
HA14
TSSOP – PW
Tape and reel
SN74AHC14PWR
HA14
TVSOP – DGV
Tape and reel
SN74AHC14DGVR
HA14
CDIP – J
Tube
SNJ54AHC14J
SNJ54AHC14J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHC14W
SNJ54AHC14W
LCCC – FK
Tube
SNJ54AHC14FK
SNJ54AHC14FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Số phần tương tự - SN74AHC14DBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC14DBR TI-SN74AHC14DBR Datasheet
949Kb / 24P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHC14DBR TI-SN74AHC14DBR Datasheet
991Kb / 22P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHC14DBR TI-SN74AHC14DBR Datasheet
913Kb / 22P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHC14DBR TI-SN74AHC14DBR Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHC14 Hex Schmitt-Trigger Inverters
REVISED JUNE 2023
SN74AHC14DBRE4 TI-SN74AHC14DBRE4 Datasheet
949Kb / 24P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Mô tả tương tự - SN74AHC14DBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com