công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM320C6701GLPW14 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
SM320C6701GLPW14 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 63 page SMJ320C6701 FLOATINGPOINT DIGITAL SIGNAL PROCESSOR SGUS030B – APRIL 2000 – REVISED MAY 2001 2 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 GLP PACKAGE (BOTTOM VIEW) 20 21 19 18 16 15 17 13 11 10 12 14 W Y AA V T U P M N R 8 7 6 4 5 L J K G E F H 3 2 D B C A 1 9 description The SMJ320C67x DSPs are the floating-point DSP family in the SMJ320C6000 platform. The SMJ320C6701 (’C6701) device is based on the high-performance, advanced VelociTI very-long-instruction-word (VLIW) architecture developed by Texas Instruments (TI ), making this DSP an excellent choice for multichannel and multifunction applications. With performance of up to 1 giga floating-point operations per second (GFLOPS) at a clock rate of 167 MHz, the ’C6701 offers cost-effective solutions to high-performance DSP programming challenges. The ’C6701 DSP possesses the operational flexibility of high-speed controllers and the numerical capability of array processors. This processor has 32 general-purpose registers of 32-bit word length and eight highly independent functional units. The eight functional units provide four floating-/fixed-point ALUs, two fixed-point ALUs, and two floating-/fixed-point multipliers. The ’C6701 can produce two multiply-accumulates (MACs) per cycle for a total of 334 million MACs per second (MMACS). The ’C6701 DSP also has application-specific hardware logic, on-chip memory, and additional on-chip peripherals. The ’C6701 includes a large bank of on-chip memory and has a powerful and diverse set of peripherals. Program memory consists of a 64K-byte block that is user-configurable as cache or memory-mapped program space. Data memory consists of two 32K-byte blocks of RAM. The peripheral set includes two multichannel buffered serial ports (McBSPs), two general-purpose timers, a host-port interface (HPI), and a glueless external memory interface (EMIF) capable of interfacing to SDRAM or SBSRAM and asynchronous peripherals. The ’C6701 has a complete set of development tools which includes: a new C compiler, an assembly optimizer to simplify programming and scheduling, and a Windows debugger interface for visibility into source code execution. TI is a trademark of Texas Instruments Incorporated. Windows is a registered trademark of the Microsoft Corporation. TI is a trademark of Texas Instruments Incorporated. Windows is a registered trademark of the Microsoft Corporation. |
Số phần tương tự - SM320C6701GLPW14 |
|
Mô tả tương tự - SM320C6701GLPW14 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |