công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320C6701GLPW14 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SM320C6701GLPW14
Giải thích chi tiết về linh kiện  FLOATING - POINT DIGITAL SIGNAL PROCESSOR
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SM320C6701GLPW14 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button SM320C6701GLPW14 Datasheet HTML 5Page - Texas Instruments SM320C6701GLPW14 Datasheet HTML 6Page - Texas Instruments SM320C6701GLPW14 Datasheet HTML 7Page - Texas Instruments SM320C6701GLPW14 Datasheet HTML 8Page - Texas Instruments SM320C6701GLPW14 Datasheet HTML 9Page - Texas Instruments SM320C6701GLPW14 Datasheet HTML 10Page - Texas Instruments SM320C6701GLPW14 Datasheet HTML 11Page - Texas Instruments SM320C6701GLPW14 Datasheet HTML 12Page - Texas Instruments SM320C6701GLPW14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
SMJ320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SGUS030B – APRIL 2000 – REVISED MAY 2001
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Signal Descriptions (Continued)
SIGNAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
HOST PORT INTERFACE (HPI)
HINT
H2
O/Z
Host interrupt (from DSP to host)
HCNTL1
J6
I
Host control – selects between control, address or data registers
HCNTL0
H6
I
Host control – selects between control, address or data registers
HHWIL
E4
I
Host halfword select – first or second halfword (not necessarily high or low order)
HBE1
G6
I
Host byte select within word or half-word
HBE0
F6
I
Host byte select within word or half-word
HR/W
D4
I
Host read or write select
HD15
D11
HD14
B11
HD13
A11
HD12
G9
HD11
D10
HD10
A10
HD9
C10
HD8
B9
I/O/Z
Host port data ( sed for transfer of data address and control)
HD7
F9
I/O/Z
Host port data (used for transfer of data, address and control)
HD6
C9
HD5
A9
HD4
B8
HD3
D9
HD2
D8
HD1
B7
HD0
C7
HAS
L6
I
Host address strobe
HCS
C5
I
Host chip select
HDS1
C4
I
Host data strobe 1
HDS2
K6
I
Host data strobe 2
HRDY
H3
O
Host ready (from DSP to host)
BOOT MODE
BOOTMODE4
B16
BOOTMODE3
G14
BOOTMODE2
F15
I
Boot mode
BOOTMODE1
C18
I
Boot mode
BOOTMODE0
D17
† I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground


Số phần tương tự - SM320C6701GLPW14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320C6701GLPW14 TI-SM320C6701GLPW14 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701GLPW14 TI-SM320C6701GLPW14 Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Mô tả tương tự - SM320C6701GLPW14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
[Old version datasheet]   Floating-Point Digital Signal Processor
SMJ320C6701 TI-SMJ320C6701_15 Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com