công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC786820E bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện LC786820E
Giải thích chi tiết về linh kiện  Compressed Audio Signal Processor IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786820E bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  LC786820E Datasheet HTML 1Page - ON Semiconductor LC786820E Datasheet HTML 2Page - ON Semiconductor LC786820E Datasheet HTML 3Page - ON Semiconductor LC786820E Datasheet HTML 4Page - ON Semiconductor LC786820E Datasheet HTML 5Page - ON Semiconductor LC786820E Datasheet HTML 6Page - ON Semiconductor LC786820E Datasheet HTML 7Page - ON Semiconductor LC786820E Datasheet HTML 8Page - ON Semiconductor LC786820E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
LC786820E
www.onsemi.com
3
<Audio output processing block>
 Analog Audio data output (One channel for stereo, and one channel for Sub-Woofer)
Eight-fold over-sampling digital filter (24-bit)
Secondary LPF for audio output
 Electronic Volume/Fader
5ch outputs (Lch-Front (LF)/Rear(LR), Rch-Front (RF)/Rear (RR), Sub-Woofer)
Output Range : 0 dB to
0 dB, 
0 dB to
32 dB
: Analog control, 0.25 dB step
32 dB to 70 dB
: Analog control, 1.0 dB step
70 dB to 90 dB
: Digital attenuator control
Decrease the noise at the volume change timing by the digital and analog composite control.
Individual output for 5 channels control is available
 Digital Audio data output
Digital 3-line interface with IIS/MSB first right justification and etc.
LR clock, Bit clock, Data 1
Clock can be master or slave
Capable of outputting 384Fs clock
[ External interface functions ]
<USB host/device control block>
 Open Host Controller Interface 1.0a
 Universal Serial Bus Specification 2.0 Full Speed
 Supports four kinds of transfer type (Control / Bulk / Interrupt / Isochronous)
 Supports 2 Ports. USB1 = Host or Device, USB2 = Host only
 USB Charger (USB1 only)
Supports detection of CDP (Charging Downstream Port) of USB Charger Specification 1.2
Charge (supplying current) is not supported
 PHY block: Internal Pull-Down/Pull-Up resisters built-in
<SD memory card host control block>
 Multimedia Card Specification v2.11
 Secure Digital Memory Card Physical Layer Specification v0.96
* Individual contract is necessary to use SD memory card controller.
[ Internal Microcontroller functions ]
<Sequencer control>
 USB, SD memory card playback/write control
USB/SD files analysis, etc.
 Audio playback control
Compressed audio playback control, various filter control and etc.
<Communication control between main controller>
 Main communication format is SIO (4-line)
 Capable of direct control of oscillation stop/start from main microcontroller
 Capable of some special command can be used even when oscillation is stopped
<Peripheral interface block>
 GPIO ports
37 ports maximum
(Shared with other functions. Some part of pins can be used even when the clock is halted)
 External interrupt pins
4 pins maximum (Shared with other functions)
 Serial interface
SIO
clock synchronized full duplex (3 lines)
3 channels
UART
full duplex
2 channels
IIC
master function
1 channel
<Program memory block>
 Program memory for the internal sequencer built-in
Program version up from the external media (USB and etc.) or main controller is available.


Số phần tương tự - LC786820E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
More results

Mô tả tương tự - LC786820E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
U7313 UTC-U7313_15 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
   AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
   AUDIO SIGNAL PROCESSOR
September 1999
logo
Mitsubishi Electric Sem...
M61511FP MITSUBISHI-M61511FP Datasheet
2Mb / 10P
   AUDIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com