công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC786820E bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện LC786820E
Giải thích chi tiết về linh kiện  Compressed Audio Signal Processor IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786820E bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button LC786820E Datasheet HTML 6Page - ON Semiconductor LC786820E Datasheet HTML 7Page - ON Semiconductor LC786820E Datasheet HTML 8Page - ON Semiconductor LC786820E Datasheet HTML 9Page - ON Semiconductor LC786820E Datasheet HTML 10Page - ON Semiconductor LC786820E Datasheet HTML 11Page - ON Semiconductor LC786820E Datasheet HTML 12Page - ON Semiconductor LC786820E Datasheet HTML 13Page - ON Semiconductor LC786820E Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
LC786820E
www.onsemi.com
10
■ Pin Description
Pin
No.
Pin name
I/O
State when
"Reset"
Function
1
NC
NC pin. This pin must be left open.
2
AVDD1
Analog system (ADC) power supply
3
AVSS1
Analog system (ADC) ground. This pin must be connected to the 0 V level.
4
LRREF
AO
AVDD1/2
Capacitor connection pin for reference voltage for Audio DAC and
Electronic Volume.
5
DACOUTR
AO
Unknown
Audio DAC : Right channel output
6
RVRIN
AI
Input
Electronic Volume : Right channel volume input
7
RROUT
AO
Unknown
Electronic Volume : Right channel Rear output
8
RFOUT
AO
Unknown
Electronic Volume : Right channel Front output
9
DACOUTS
AO
Unknown
Audio DAC : Sub-Woofer output
10
SWIN
AI
Input
Electronic Volume : Sub-Woofer volume input
11
SWOUT
AO
Unknown
Electronic Volume : Sub-Woofer output
12
VREF_ADC
AO
AVDD2/2
Capacitor connection pin for audio ADC reference voltage
13
AVSS2
Analog system (ADC) ground. This pin must be connected to the 0 V level.
14
AVDD2
Analog system (ADC) power supply
15
L3INP
AI
Input
Analog stereo Left channel Differential input (Positive) /
Analog stereo Left channel Single Ended input
16
L3INN
AI
Input
Analog stereo Left channel Differential input (Negative)
17
R3INP
AI
Input
Analog stereo Right channel Differential input (Positive) /
Analog stereo Right channel Single Ended input
18
R3INN
AI
Input
Analog stereo Right channel Differential input (Negative)
19
L2IN
AI
Input
Analog stereo Left channel Single Ended input
20
R2IN
AI
Input
Analog stereo Right channel Single Ended input
21
L1IN
AI
Input
Analog stereo Left channel Single Ended input
22
R1IN
AI
Input
Analog stereo Right channel Single Ended input
23
TEST0
I
Input
Test input. This pin must be connected to the 0 V level.
24
TEST1
I
Input
Test input. This pin must be connected to the 0 V level.
25
DVDD18_2
AO
H
Capacitor connection pin for internal regulator (1.8 V for Flash)
26
GP15
I/O
Input(L)
General purpose I/O port with pull down resistor
Various signal monitoring output
27
GP50
I/O
Input(L)
General purpose I/O port with pull down resistor
LR clock input/output 1 for Audio interface
LR clock input 1 for Stream data interface
Transmit data output for serial communication 3 (exclusive with GP34)
Over current detection signal input for USB 1 (exclusive with GP44)
28
GP51
I/O
Input(L)
General purpose I/O port with pull down resistor
Bit clock input/output 1 for Audio interface
Bit clock input/output 1 for Stream data interface
Master clock output for serial communication 3 (exclusive with GP35)
Power supply signal output for USB 1 (exclusive with GP45)
29
GP52
I/O
Input(L)
General purpose I/O port with pull down resistor
Data input/output 1 for Audio interface
Data input 1 for Stream data interface
Receive data input for serial communication 3 (exclusive with GP36)
Over current detection signal input for USB 2 (exclusive with GP46)
30
GP53
I/O
Input(L)
General purpose I/O port with pull down resistor
Clock (Fs384) input/output 1 for Audio DAC
Request flag input/output 1 for Stream data interface
Power supply signal output for USB 2 (exclusive with GP47)
31
DVDD
Digital system power supply
32
DVSS
Digital system ground. This pin must be connected to the 0 V level.


Số phần tương tự - LC786820E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
More results

Mô tả tương tự - LC786820E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
U7313 UTC-U7313_15 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
   AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
   AUDIO SIGNAL PROCESSOR
September 1999
logo
Mitsubishi Electric Sem...
M61511FP MITSUBISHI-M61511FP Datasheet
2Mb / 10P
   AUDIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com