công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC786965UW bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện LC786965UW
Giải thích chi tiết về linh kiện  Single Chip Digital Signal Processor LSI for Compact Disc Players
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786965UW bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  LC786965UW Datasheet HTML 1Page - ON Semiconductor LC786965UW Datasheet HTML 2Page - ON Semiconductor LC786965UW Datasheet HTML 3Page - ON Semiconductor LC786965UW Datasheet HTML 4Page - ON Semiconductor LC786965UW Datasheet HTML 5Page - ON Semiconductor LC786965UW Datasheet HTML 6Page - ON Semiconductor LC786965UW Datasheet HTML 7Page - ON Semiconductor LC786965UW Datasheet HTML 8Page - ON Semiconductor LC786965UW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LC786965UW
www.onsemi.com
2
Detail of Functions
CD DSP functions
<Playback functions>
 Playback mode: CLV playback/Jitter free playback (VCEC)
 Playback speed: Normal speed, double speed , Quadruple speed
<RF Processing block>
 RF system:AGC, CD-R and CD-R/W playback support, peak hold, bottom hold
 Error system: TE signal generation, FE signal generation
 Detection: Track count signal, Jitter, Defect (black, mirror)
 LASER power controller (APC)
 DC offset voltage cancellation
<Servo control block>
 All servo systems as tracking, focus, sled and spindle are implemented with digital processing.
 Automatic adjustment functions: focus gain, focus bias, focus offset,
tracking gain, tracking offset and tracking balance
 Shock detection / Interruption detection
<CD signal processing block>
 EFM signal synchronization detection, protection and interpolation
 Error detection, correction (C1=double, C2=quadruple/double)
 Jitter margin ±19 frames
<CD TEXT processing block>
 Buffers CD-TEXT data to the desired area of SDRAM
 Starts buffering desired ID3/ID4 of CD-TEXT data.
<CD-DA Anti-shock processing block>
 Anti-shock processing using with SDRAM
Maximum about 10 seconds with 16M bit SDRAM and about 40 seconds with 64M bit SDRAM
<CD-ROM processing block>
 CD-ROM decoding (Mode1, Mode2 <form1, form2>)
 Outputs CD-ROM decoded data
Compressed audio decode functions
 MP3 decode (ISO/IEC 11172-3, ISO/IEC 13818-3)
Sampling rate support:
MPEG1-Layer1/2/3 (32kHz, 44.1kHz, 48kHz)
MPEG2-Layer1/2/3 (16kHz, 22.05kHz, 24kHz)
MPEG2.5-Layer3 ( 8kHz, 11.025kHz, 12kHz)
Bit rate support:
All Bit Rate (Variable Bit Rate support)
MPEG header read support
 WMA decode (Version 9 standard)
Sampling rate support:
8kHz, 11.025kHz, 16kHz, 22.05kHz, 32kHz, 44.1kHz, 48kHz
Bit rate support:
5kbps to 384kbps (Variable Bit Rate support)
 AAC decode (ISO/IEC 14496-3, ISO/IEC 13818-7)
Profile:
MPEG4-AAC-LowComplexity
Sampling rate support:
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz,
48kHz
Bit rate support:
Monaural 8kbps to 160kbps (Variable bit rate support)
Stereo
16kbps to 320kbps (Variable bit rate support)


Số phần tương tự - LC786965UW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
logo
ON Semiconductor
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC786960E-H ONSEMI-LC786960E-H Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
logo
ON Semiconductor
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
More results

Mô tả tương tự - LC786965UW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC7865E SANYO-LC7865E Datasheet
105Kb / 2P
   Digital Signal Processor for Compact Disc Players
LC7860KA SANYO-LC7860KA Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC7868KE SANYO-LC7868KE Datasheet
584Kb / 23P
   Digital Signal Processor for Compact Disc Players???
LC7868E SANYO-LC7868E Datasheet
538Kb / 22P
   Digital Signal Processor for Compact Disc Players???
LC78681KE SANYO-LC78681KE Datasheet
588Kb / 23P
   Digital Signal Processor for Compact Disc Players?
LC7861KE SANYO-LC7861KE Datasheet
484Kb / 18P
   Digital Signal Processor for Compact Disc Players
LC78681E SANYO-LC78681E Datasheet
262Kb / 23P
   Digital Signal Processor for Compact Disc Players
LC7867E SANYO-LC7867E Datasheet
454Kb / 20P
   Digital Signal Processor for Compact Disc Players?
logo
Panasonic Semiconductor
MN66271RA PANASONIC-MN66271RA Datasheet
50Kb / 6P
   Signal Processing LSI for Compact Disc Players
logo
NXP Semiconductors
TDA5709 PHILIPS-TDA5709 Datasheet
488Kb / 13P
   RADIAL ERROR SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
July 1985
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com