công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC786965UW bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện LC786965UW
Giải thích chi tiết về linh kiện  Single Chip Digital Signal Processor LSI for Compact Disc Players
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786965UW bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button LC786965UW Datasheet HTML 6Page - ON Semiconductor LC786965UW Datasheet HTML 7Page - ON Semiconductor LC786965UW Datasheet HTML 8Page - ON Semiconductor LC786965UW Datasheet HTML 9Page - ON Semiconductor LC786965UW Datasheet HTML 10Page - ON Semiconductor LC786965UW Datasheet HTML 11Page - ON Semiconductor LC786965UW Datasheet HTML 12Page - ON Semiconductor LC786965UW Datasheet HTML 13Page - ON Semiconductor LC786965UW Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
LC786965UW
www.onsemi.com
10
Pin
No.
Pin name
I/O
State when
"Reset"
Function
42 SDDAT14
I/O
Input(L)
SDRAM data input/output 14 (pull down resistor)
43 SDDAT13
I/O
Input(L)
SDRAM data input/output 13 (pull down resistor)
44 SDDAT12
I/O
Input(L)
SDRAM data input/output 12 (pull down resistor)
45 DVDD
-
-
Digital system power supply
46 DVSS
-
-
Digital system ground. This pin must be connected to the 0V level.
47 SDDAT11
I/O
Input(L)
SDRAM data input/output 11 (pull down resistor)
48 SDDAT10
I/O
Input(L)
SDRAM data input/output 10 (pull down resistor)
49 SDDAT09
I/O
Input(L)
SDRAM data input/output 9 (pull down resistor)
50 SDDAT08
I/O
Input(L)
SDRAM data input/output 8 (pull down resistor)
51 SDDQM
O
Low
SDRAM data mask control output
Connect to SDRAM-DQMH(UDQM) pin
52 SDCLK
O
Low
SDRAM clock output
53 SDCKE
O
Low
SDRAM clock enable output
54 SDADRS11
O
Low
SDRAM address output 11
No use(NC) for 16Mbit-SDRAM
SDRAM-ADRS11 pin connection for 64Mbit-SDRAM
55 SDADRS09
O
Low
SDRAM address output 9
56 DVDD
-
-
Digital system power supply
57 DVSS
-
-
Digital system ground. This pin must be connected to the 0V level.
58 DVDD12
AO
High
Capacitor connection pin for internal regulator
59 SDADRS08
O
Low
SDRAM address output 8
60 SDADRS07
O
Low
SDRAM address output 7
61 SDADRS06
O
Low
SDRAM address output 6
62 SDADRS05
O
Low
SDRAM address output 5
63 SDADRS04
O
Low
SDRAM address output 4
64 SDADRS03
O
Low
SDRAM address output 3
65 SDADRS02
O
Low
SDRAM address output 2
66 SDADRS01
O
Low
SDRAM address output 1
67 SDADRS00
O
Low
SDRAM address output 0
68 SDADRS10
O
Low
SDRAM address output 10
69 SDBA
O
Low
SDRAM bank select address output
SDRAM-BANK pin connection for 16Mbit-SDRAM
SDRAM-BANK1 pin connection for 64Mbit-SDRAM
70 SDADRS12
O
Low
SDRAM address output 12
16Mbit-SDRAM: connect to SDRAM-DQML(LDQM) pin
64Mbit-SDRAM: connect to SDRAM-BANK0 pin
71 SDCSB
O
Low
SDRAM Chip Select output
72 SDRASB
O
Low
SDRAM Row Address Strobe output
73 SDCASB
O
Low
SDRAM Column Address Strobe output
74 SDWEB
O
Low
SDRAM Write Enable output
75 SDDAT07
I/O
Input(L)
SDRAM data input/output 7 (pull down resistor)
76 SDDAT06
I/O
Input(L)
SDRAM data input/output 6 (pull down resistor)
77 SDDAT05
I/O
Input(L)
SDRAM data input/output 5 (pull down resistor)


Số phần tương tự - LC786965UW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
logo
ON Semiconductor
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC786960E-H ONSEMI-LC786960E-H Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
logo
ON Semiconductor
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
More results

Mô tả tương tự - LC786965UW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC7865E SANYO-LC7865E Datasheet
105Kb / 2P
   Digital Signal Processor for Compact Disc Players
LC7860KA SANYO-LC7860KA Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC7868KE SANYO-LC7868KE Datasheet
584Kb / 23P
   Digital Signal Processor for Compact Disc Players???
LC7868E SANYO-LC7868E Datasheet
538Kb / 22P
   Digital Signal Processor for Compact Disc Players???
LC78681KE SANYO-LC78681KE Datasheet
588Kb / 23P
   Digital Signal Processor for Compact Disc Players?
LC7861KE SANYO-LC7861KE Datasheet
484Kb / 18P
   Digital Signal Processor for Compact Disc Players
LC78681E SANYO-LC78681E Datasheet
262Kb / 23P
   Digital Signal Processor for Compact Disc Players
LC7867E SANYO-LC7867E Datasheet
454Kb / 20P
   Digital Signal Processor for Compact Disc Players?
logo
Panasonic Semiconductor
MN66271RA PANASONIC-MN66271RA Datasheet
50Kb / 6P
   Signal Processing LSI for Compact Disc Players
logo
NXP Semiconductors
TDA5709 PHILIPS-TDA5709 Datasheet
488Kb / 13P
   RADIAL ERROR SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
July 1985
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com