công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6547 bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện MCP6547
Giải thích chi tiết về linh kiện  Open-Drain Output Sub-Microamp Comparators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6547 bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button MCP6547 Datasheet HTML 3Page - Microchip Technology MCP6547 Datasheet HTML 4Page - Microchip Technology MCP6547 Datasheet HTML 5Page - Microchip Technology MCP6547 Datasheet HTML 6Page - Microchip Technology MCP6547 Datasheet HTML 7Page - Microchip Technology MCP6547 Datasheet HTML 8Page - Microchip Technology MCP6547 Datasheet HTML 9Page - Microchip Technology MCP6547 Datasheet HTML 10Page - Microchip Technology MCP6547 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2003 Microchip Technology Inc.
DS21714C-page 7
MCP6546/7/8/9
Note: Unless otherwise indicated, VDD = +1.6V to +5.0V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RPU = 2.74 kΩ to VPU =VDD, and CL = 36 pF.
FIGURE 2-13:
Input Bias Current, Input
Offset Current vs. Ambient Temperature.
FIGURE 2-14:
Quiescent Current vs.
Ambient Temperature vs. Power Supply Voltage.
FIGURE 2-15:
Quiescent Current vs.
Common Mode Input Voltage at VDD = 1.6V.
FIGURE 2-16:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-17:
Quiescent Current vs.
Common Mode Input Voltage at VDD = 5V.
FIGURE 2-18:
Output Short-Circuit Current
vs. Power Supply Voltage.
-2
0
2
4
6
8
10
12
14
16
18
20
22
25
35
45
55
65
75
85
Ambient Temperature (°C)
Input Bias Current
Input Offset Current
VDD = 5.5V
VCM = VDD
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-40
-20
0
204060
80
Ambient Temperature (°C)
VDD = 5.5 V
VDD = 1.6 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Common Mode Input Voltage (V)
VDD = 1.6V
IQ does not include pull-up resistor current
Sweep VIN+, VIN– = VDD/2 Sweep VIN–, VIN+ = VDD/2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
TA = -40°C
TA = +85°C
TA = +25°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Common Mode Input Voltage (V)
VDD = 5.5V
IQ does not include pull-up resistor current
Sweep VIN+, VIN– = VDD/2 Sweep VIN–, VIN+ = VDD/2
0
5
10
15
20
25
30
35
40
45
50
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
-IOSC, TA = -40°C
-IOSC, TA = +85°C
-IOSC, TA = +25°C


Số phần tương tự - MCP6547

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP6547 MICROCHIP-MCP6547 Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6547 MICROCHIP-MCP6547 Datasheet
1Mb / 44P
   Open-Drain Output Sub-Microamp Comparators
11/29/11
MCP6547-E/LT MICROCHIP-MCP6547-E/LT Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6547-E/MS MICROCHIP-MCP6547-E/MS Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6547-E/OT MICROCHIP-MCP6547-E/OT Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
More results

Mô tả tương tự - MCP6547

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP6546 MICROCHIP-MCP6546_12 Datasheet
1Mb / 44P
   Open-Drain Output Sub-Microamp Comparators
11/29/11
MCP6546 MICROCHIP-MCP6546_06 Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
logo
Texas Instruments
TLV3402 TI-TLV3402 Datasheet
257Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
logo
3PEAK INC.
TP1945 3PEAK-TP1945 Datasheet
655Kb / 20P
   1.8V Micropower, RRIO, Open-Drain Output Comparators
LMV331TP 3PEAK-LMV331TP Datasheet
1Mb / 12P
   General Purpose, 1.8V, RRI, Open-Drain Output Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com