công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33879 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC33879
Giải thích chi tiết về linh kiện  Configurable Octal Serial Switch with Open Load Detect Current Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33879 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC33879 Datasheet HTML 3Page - Motorola, Inc MC33879 Datasheet HTML 4Page - Motorola, Inc MC33879 Datasheet HTML 5Page - Motorola, Inc MC33879 Datasheet HTML 6Page - Motorola, Inc MC33879 Datasheet HTML 7Page - Motorola, Inc MC33879 Datasheet HTML 8Page - Motorola, Inc MC33879 Datasheet HTML 9Page - Motorola, Inc MC33879 Datasheet HTML 10Page - Motorola, Inc MC33879 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33879
7
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions of 3.1 V
≤ VDD ≤ 5.5 V, 5.5 V ≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C, unless otherwise noted.
Typical values, where applicable, reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C
Characteristic
Symbol
Min
Typ
Max
Unit
DIGITAL INTERFACE
Input Logic High-Voltage Thresholds (Note 9)
VIH
0.7 x VDD
–VDD + 0.3
V
Input Logic Low-Voltage Thresholds (Note 9)
VIL
GND - 0.3
0.2 x VDD
V
IN5, IN6, EN Input Logic Current
IN5, IN6, EN = 0 V
IIN5, IIN6, IEN
-10
10
µA
IN5, IN6 Pull-Down Current
0.8 V to 5.0 V
IIN5, IIN6,
30
45
100
µA
EN Pull-Down Current
EN = 5.0 V
IEN
30
45
100
µA
SCLK, DI Input, Tri-State DO Output
0 V to 5.0 V
ISCK, IDI, ITriDO
-10
10
µA
CS
Input Current
CS
= VDD
ICS
-10
10
µA
CS
Pull-Up Current
CS
= 0 V
ICS
-30
-100
µA
CS
Leakage Current to VDD
CS
= 5.0 V, VDD = 0 V
ICS(LKG)
––
10
µA
DO High-State Output Voltage
IDO-HIGH = -1.6 mA
VDOHIGH
VDD - 0.4
VDD
V
DO Low-State Output Voltage
IDO-LOW = 1.6 mA
VDOLOW
––
0.4
V
Input Capacitance on SCLK, DI, Tri-State DO, IN5, IN6, EN (Note 10)
CIN
20
pF
Notes
9.
Upper and lower logic threshold voltage levels apply to DI, CS, SCLK, IN5, IN6, and EN.
10.
This parameter is guaranteed by design but not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33879

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
   Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879 Datasheet
762Kb / 29P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
MC33879 NXP-MC33879 Datasheet
717Kb / 30P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
logo
Freescale Semiconductor...
MC33879APEK FREESCALE-MC33879APEK Datasheet
645Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879APEK NXP-MC33879APEK Datasheet
1,012Kb / 26P
   Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
More results

Mô tả tương tự - MC33879

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33879 NXP-MC33879_V02 Datasheet
717Kb / 30P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
logo
Freescale Semiconductor...
33879 FREESCALE-33879 Datasheet
592Kb / 24P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
   Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879_V01 Datasheet
762Kb / 29P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
logo
Freescale Semiconductor...
33879 FREESCALE-33879_12 Datasheet
645Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_08 Datasheet
654Kb / 25P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_09 Datasheet
804Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com