công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD86369 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện FDD86369
Giải thích chi tiết về linh kiện  N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDD86369 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  FDD86369 Datasheet HTML 1Page - ON Semiconductor FDD86369 Datasheet HTML 2Page - ON Semiconductor FDD86369 Datasheet HTML 3Page - ON Semiconductor FDD86369 Datasheet HTML 4Page - ON Semiconductor FDD86369 Datasheet HTML 5Page - ON Semiconductor FDD86369 Datasheet HTML 6Page - ON Semiconductor FDD86369 Datasheet HTML 7Page - ON Semiconductor FDD86369 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.onsemi.com
Semiconductor Components Industries, LLC, 2017
Publication Order Number:
January, 2017, Rev. 1.0
FDD86369/D
1
FDD86369
N-Channel PowerTrench® MOSFET
80 V, 90 A, 7.9 m
Ω
Features
Typical RDS(on) = 5.9 mΩ at VGS = 10V, ID = 80 A
Typical Qg(tot) = 34 nC at VGS = 10V, ID = 80 A
UIS Capability
RoHS Compliant
Applications
PowerTrain Management
Solenoid and Motor Drivers
Integrated Starter/Alternator
Primary Switch for 12V Systems
D
G
S
G
S
D
TO-252
D-PAK
(TO-252)
MOSFET Maximum Ratings TJ = 25°C unless otherwise noted.
Symbol
Parameter
Ratings
Units
VDSS
Drain-to-Source Voltage
80
V
VGS
Gate-to-Source Voltage
±20
V
ID
Drain Current - Continuous (VGS=10) (Note 1)
TC = 25°C
90
A
Pulsed Drain Current
TC = 25°C
See Figure 4
EAS
Single Pulse Avalanche Energy
(Note 2)
29
mJ
PD
Power Dissipation
150
W
Derate Above 25oC1.0
W/oC
TJ, TSTG Operating and Storage Temperature
-55 to + 175
oC
RθJC
Thermal Resistance, Junction to Case
1.0
oC/W
RθJA
Maximum Thermal Resistance, Junction to Ambient
(Note 3)
52
oC/W
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD86369
FDD86369
D-PAK(TO-252)
13”
16 mm
2500 units
Notes:
1: Current is limited by bondwire configuration.
2: Starting TJ = 25°C, L = 14μH, IAS = 64A, VDD = 80V during inductor charging and VDD = 0V during time in avalanche.
3: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance, where the case thermal reference is defined as the solder
mounting surface of the drain pins. RθJC is guaranteed by design, while RθJAis determined by the board design. The maximum rating
presented here is based on mounting on a 1 in2 pad of 2oz copper.
For current package drawing, please refer to the ON website at 
http://www.fairchildsemi.com/package‐drawings/
TO/TO252A03.pdf


Số phần tương tự - FDD86369

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
FDD86369 ISC-FDD86369 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD86369-F085 ONSEMI-FDD86369-F085 Datasheet
543Kb / 7P
   Channel PowerTrench® MOSFET 80 V, 90 A, 7.9 mΩ
August-2017,Rev. 2
logo
Inchange Semiconductor ...
FDD86369B ISC-FDD86369B Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
   Automotive Engine Control
More results

Mô tả tương tự - FDD86369

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com