công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISLT100X bảng dữ liệu(PDF) 1 Page - ISOCOM COMPONENTS

tên linh kiện ISLT100X
Giải thích chi tiết về linh kiện  Switching Mode Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ISOCOM [ISOCOM COMPONENTS]
Trang chủ  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISLT100X bảng dữ liệu(HTML) 1 Page - ISOCOM COMPONENTS

  ISLT100X Datasheet HTML 1Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 2Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 3Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 4Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 5Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 6Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 7Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 8Page - ISOCOM COMPONENTS ISLT100X Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 02/06/2014
DC93179
ISLT100X
ISOCOM
COMPONENTS
DESCRIPTION
The ISLT100X series optocouplers consists of an
infrared emitting diode optically coupled to an
NPN silicon photo transistor.
These devices belong to Isocom Long Creepage
Range of Optocouplers.
FEATURES
Long Creepage 8mm
High AC Isolation voltage 5000VRMS
CTR Selections Available
Wide Operating Temperature Range
-55°C to 110°C
Pb Free and RoHS Compliant
UL Approval E91231, Model THP
APPLICATIONS
Switching Mode Power Supply
System Appliances
Measuring Instruments
Telecommunication Equipments
Signal Transmission between Systems of
Different Potentials and Impedances
ORDER INFORMATION
Available in Tape and Reel with 3000pcs
per reel
ISOCOM COMPONENTS 2004 LTD
Unit 25B, Park View Road West, Park View Industrial Estate
Hartlepool, Cleveland, TS25 1UD, United Kingdom
Tel: +44 (0)1429 863 609 Fax : +44 (0)1429 863 581
e-mail: sales@isocom.co.uk
http://www.isocom.com
ISOCOM COMPONENTS ASIA LTD
Hong Kong Office,
Block A, 8/F, Wah Hing Industrial mansion,
36 Tai Yau Street, San Po Kong, Kowloon, Hong Kong.
Tel: +852 2995 9217 Fax : +852 8161 6292
e-mail: sales@isocom.com.hk
All dimensions in mm.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Input Diode
Forward Current
60mA
Peak Forward Current (1μs, pulse)
1.5A
Reverse Voltage
6V
Power dissipation
100mW
Output Transistor
Collector to Emitter Voltage VCEO
80V
Emitter to Collector Voltage VECO
7V
Collector Current
50mA
Power Dissipation
150mW
Total Package
Isolation Voltage
5000VRMS
(1 minute, R.H. 40 - 60%)
Total Power Dissipation
250mW
Operating Temperature
-55 to 110 °C
Storage Temperature
-55 to 125 °C
Lead Soldering Temperature (10s)
260°C
1
2
4
3


Số phần tương tự - ISLT100X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ISOCOM COMPONENTS
ISLT1102 ISOCOM-ISLT1102 Datasheet
453Kb / 4P
   ISLT1102 ( Long Creepage )
More results

Mô tả tương tự - ISLT100X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ISOCOM COMPONENTS
IS1100 ISOCOM-IS1100 Datasheet
545Kb / 10P
   Switching Mode Power Supply
logo
KODENSHI_AUK CORP.
SF10A400HDS KODENSHI-SF10A400HDS Datasheet
344Kb / 4P
   Switching mode power supply
logo
Toshiba Semiconductor
U5FWK2C42 TOSHIBA-U5FWK2C42 Datasheet
184Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2CZ47A TOSHIBA-20DL2CZ47A_06 Datasheet
307Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
30GWJ2C42C TOSHIBA-30GWJ2C42C_06 Datasheet
516Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATON
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
   Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
   Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
   Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com