công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC327-16 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện BC327-16
Giải thích chi tiết về linh kiện  Amplifier Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC327-16 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  BC327-16 Datasheet HTML 1Page - ON Semiconductor BC327-16 Datasheet HTML 2Page - ON Semiconductor BC327-16 Datasheet HTML 3Page - ON Semiconductor BC327-16 Datasheet HTML 4Page - ON Semiconductor BC327-16 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BC327, BC327−16, BC327−25, BC327−40
http://onsemi.com
5
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. CONTOUR OF PACKAGE BEYOND DIMENSION R
IS UNCONTROLLED.
4. LEAD DIMENSION IS UNCONTROLLED IN P AND
BEYOND DIMENSION K MINIMUM.
R
A
P
J
L
B
K
G
H
SECTION X−X
C
V
D
N
N
XX
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.175
0.205
4.45
5.20
B
0.170
0.210
4.32
5.33
C
0.125
0.165
3.18
4.19
D
0.016
0.021
0.407
0.533
G
0.045
0.055
1.15
1.39
H
0.095
0.105
2.42
2.66
J
0.015
0.020
0.39
0.50
K
0.500
−−−
12.70
−−−
L
0.250
−−−
6.35
−−−
N
0.080
0.105
2.04
2.66
P
−−−
0.100
−−−
2.54
R
0.115
−−−
2.93
−−−
V
0.135
−−−
3.43
−−−
1
TO−92 (TO−226)
CASE 29−11
ISSUE AL
STYLE 17:
PIN 1. COLLECTOR
2. BASE
3. EMITTER
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
BC327/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Số phần tương tự - BC327-16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
BC327-16 MOTOROLA-BC327-16 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
NXP Semiconductors
BC327-16 PHILIPS-BC327-16 Datasheet
242Kb / 19P
   45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
BC327-16 PHILIPS-BC327-16 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BC327-16 SIEMENS-BC327-16 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC327-16 DIOTEC-BC327-16 Datasheet
143Kb / 2P
   Si-Epitaxial PlanarTransistors
More results

Mô tả tương tự - BC327-16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com