công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES1C bảng dữ liệu(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

tên linh kiện ES1C
Giải thích chi tiết về linh kiện  Super Fast Recovery Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YANGJIE [Yangzhou yangjie electronic co., ltd]
Trang chủ  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ES1C bảng dữ liệu(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  ES1C Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ES1C Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A069
Rev.1.1,28-Apr-14
www.21yangjie.com
ES1A THRU ES1J
超快恢复整流二极管
Super Fast Recovery Rectifier Diode
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
● Io
1.0A
● VRRM
50V-600V
● 耐正向浪涌电流能力高
High surge current capability
● 封装:模压塑料
Cases: Molded plastic
● 采用GPP工艺芯片
Glass passivated chip
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Conditions
ES1
A
B
C
D
F
G
H
J
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50 100
150
200 300
400
500 600
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz ,电阻负载 ,
TL=120℃
60HZ Half-sine wave, Resistance
load, TL=120℃
1.0
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
30
结温
Junction Temperature
TJ
-55~+150
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
ES1
A
B
C
D
F
G
H
J
正向峰值电压
Peak Forward Voltage
V
F
V
I
F=1.0A
0.95
1.3
1.7
最大反向恢复时间
Maximum reverse recovery
time
trr
ns
IF=0.5A,IR=1.0A,Irr=0.25A
35
反向漏电流
Peak Reverse Current
I
RRM1
μA
VRM=VRRM
Ta =25℃
5
I
RRM2
Ta =100℃
100
热阻(典型)
Thermal
Resistance(Typical)
RθJ-A
/W
结和环境之间
Between junction and ambient
85
1)
RθJ-L
结和终端之间
Between junction and terminal
35
1)
备注:Notes:
1) 热阻从结到环境及从结到引线,在电路板的0.2" x 0.2" (5.0毫米 x 5.0毫米)铜垫片区
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper
pad areas
Dimensions in inches and (millimeters)
DO-214AC(SMA)
.187(4.75)
.167(4.25)
.111(2.83)
.094(2.40)
.062(1.58)
.049(1.25)
.091(2.30)
.075(1.90)
.056(1.41)
.030(0.76)
.008(0.20)
.003(0.08)
.012(0.31)
.006(0.15)
0.077(1.96)
0.220
(5.58)
Mounting Pad Layout
0.065
(1.66)
0.080
(2.04)
.208(5.28)
.194(4.93)
COMPLIANT
RoHS


Số phần tương tự - ES1C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
ES1C PANJIT-ES1C Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES1C YIXIN-ES1C Datasheet
254Kb / 2P
   Super Fast Surface Mount Rectifiers
logo
Diotech Company.
ES1C DIOTECH-ES1C Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
General Semiconductor
ES1C GE-ES1C Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
ES1C VISHAY-ES1C Datasheet
100Kb / 5P
   Surface-Mount Ultrafast Plastic Rectifier
01-Jan-2022
More results

Mô tả tương tự - ES1C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KEC(Korea Electronics)
S10A2CIA KEC-S10A2CIA Datasheet
435Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
ES1AF HDSEMI-ES1AF Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC_15 Datasheet
583Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
SF11 HDSEMI-SF11 Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
Yangzhou yangjie electr...
E1A YANGJIE-E1A Datasheet
110Kb / 2P
   Super Fast Recovery Rectifier Diode
E1AF YANGJIE-E1AF Datasheet
157Kb / 2P
   Super Fast Recovery Rectifier Diode
E2AF YANGJIE-E2AF Datasheet
167Kb / 2P
   Super Fast Recovery Rectifier Diode
ES3A YANGJIE-ES3A Datasheet
152Kb / 2P
   Super Fast Recovery Rectifier Diode
ES5A YANGJIE-ES5A Datasheet
233Kb / 4P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC Datasheet
44Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
First Silicon Co., Ltd
E1A FS-E1A Datasheet
176Kb / 2P
   Super Fast Recovery Rectifier Diode
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com