công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7156 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD7156
Giải thích chi tiết về linh kiện  2-Channel Capacitance Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7156 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD7156_17 Datasheet HTML 2Page - Analog Devices AD7156_17 Datasheet HTML 3Page - Analog Devices AD7156_17 Datasheet HTML 4Page - Analog Devices AD7156_17 Datasheet HTML 5Page - Analog Devices AD7156_17 Datasheet HTML 6Page - Analog Devices AD7156_17 Datasheet HTML 7Page - Analog Devices AD7156_17 Datasheet HTML 8Page - Analog Devices AD7156_17 Datasheet HTML 9Page - Analog Devices AD7156_17 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AD7156
Rev. 0 | Page 5 of 28
TIMING SPECIFICATIONS
VDD = 1.8 V to 3.6 V, GND = 0 V, Input Logic 0 = 0 V, Input Logic 1 = VDD, temperature range = −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CONVERTER
Conversion Time1
20
ms
Both channels, 10 ms per channel.
Wake-Up Time from Power-Down Mode2, 3
0.3
ms
Power-Up Time2, 4
2
ms
Reset Time2, 5
2
ms
SERIAL INTERFACE6, 7
See Figure 2.
SCL Frequency
0
400
kHz
SCL High Pulse Width, tHIGH
0.6
μs
SCL Low Pulse Width, tLOW
1.3
μs
SCL, SDA Rise Time, tR
0.3
μs
SCL, SDA Fall Time, tF
0.3
μs
Hold Time (Start Condition), tHD;STA
0.6
μs
After this period, the first clock is generated.
Setup Time (Start Condition), tSU;STA
0.6
μs
Relevant for repeated start condition.
Data Setup Time, tSU;DAT
0.1
μs
Setup Time (Stop Condition), tSU;STO
0.6
μs
Data Hold Time (Master), tHD;DAT
10
ns
Bus-Free Time (Between Stop and Start Conditions), tBUF
1.3
μs
1 Conversion time is 304 internal clock cycles for both channels (nominal clock 16 kHz); the internal clock frequency is equal to the specified excitation frequency.
2 Specification is not production tested but is supported by characterization data at initial product release.
3 Wake-up time is the maximum delay between the last SCL edge writing the configuration register and the start of conversion.
4 Power-up time is the maximum delay between the VDD crossing the minimum level (1.8 V) and either the start of conversion or when ready to receive a serial
interface command.
5 Reset time is the maximum delay between the last SCL edge writing the reset command and either the start of conversion or when ready to receive a serial
interface command.
6 Sample tested during initial release to ensure compliance.
7 All input signals are specified with input rise/fall times = 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
Output load = 10 pF.
P
S
tLOW
tR
tF
tHD;STA
tHD;DAT
tSU;DAT
tSU;STA
tHD;STA
tSU;STO
tHIGH
SCL
PS
SDA
tBUF
Figure 2. Serial Interface Timing Diagram


Số phần tương tự - AD7156_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7156BCPZ-REEL AD-AD7156BCPZ-REEL Datasheet
533Kb / 28P
   Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
REV. 0
AD7156BCPZ-REEL7 AD-AD7156BCPZ-REEL7 Datasheet
533Kb / 28P
   Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
REV. 0
More results

Mô tả tương tự - AD7156_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7150 AD-AD7150_15 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7150 AD-AD7150 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004Q TI1-FDC1004Q Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
logo
Analog Devices
AD7156 AD-AD7156 Datasheet
533Kb / 28P
   Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
REV. 0
logo
ON Semiconductor
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
logo
Linear Technology
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com