công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1847 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện UC1847
Giải thích chi tiết về linh kiện  Current Mode PWM Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1847 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  UC1847 Datasheet HTML 1Page - Texas Instruments UC1847 Datasheet HTML 2Page - Texas Instruments UC1847 Datasheet HTML 3Page - Texas Instruments UC1847 Datasheet HTML 4Page - Texas Instruments UC1847 Datasheet HTML 5Page - Texas Instruments UC1847 Datasheet HTML 6Page - Texas Instruments UC1847 Datasheet HTML 7Page - Texas Instruments UC1847 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UC1846/UC1847
UC3846/UC3847
PARAMETER
TEST CONDITIONS
UC2846/UC2847
MIN.
TYP.
MAX.
MIN.
TYP.
MAX. UNITS
Oscillator Section
Initial Accuracy
TJ=25°C
394347394347
kHz
Voltage Stability
VIN=8V to 40V
-1
2
-1
2
%
Temperature Stability
Over Operating Range (Note 2)
-1
-1
%
Sync Output High Level
3.9
4.35
3.9
4.35
V
Sync Output Low Level
2.3
2.5
2.3
2.5
V
Sync Input High Level
Pin 8=0V
3.9
3.9
V
Sync Input Low Level
Pin 8=0V
2.5
2.5
V
Sync Input Current
Sync Voltage=3.9V, Pin 8=0V
1.3
1.5
1.3
1.5
mA
Error Amp Section
Input Offset Voltage
0.5
5
0.5
10
mV
Input Bias Current
-0.6
-1
-0.6
-2
µA
Input Offset Current
40
250
40
250
nA
Common Mode Range
VIN=8V to 40V
0
VIN-2V
0
VIN-2V
V
Open Loop Voltage Gain
∆VO=1.2 to 3V, VCM=2V
80
105
80
105
dB
Unity Gain Bandwidth
TJ=25°C (Note 2)
0.7
1.0
0.7
1.0
MHz
CMRR
VCM=0V to 38V, VIN=40V
75
100
75
100
dB
PSRR
VIN=8V to 40V
80
105
80
105
dB
Output Sink Current
VID=-15mV to -5V, VPIN 7=1.2V
2
6
2
6
mA
Output Source Current
VID=15mV to 5V, VPIN 7=2.5V
-0.4
-0.5
-0.4
-0.5
mA
High Level Output Voltage
RL=(Pin 7) 15k
4.3
4.6
4.3
4.6
V
Low Level Output Voltage
0.7
1
0.7
1
V
Current Sense Amplifier Section
Amplifier Gain
VPIN 3=0V, Pin 1 Open (Notes 3 & 4)
2.5
2.75
3.0
2.5
2.75
3.0
V
Maximum Differential Input
Pin 1 Open (Note 3)
Signal (VPIN 4-VPIN 3)RL (Pin 7)=15kW
1.1
1.2
1.1
1.2
V
Input Offset Voltage
VPIN 1=0.5V, Pin 7 Open (Note 3)
5
25
5
25
mV
CMRR
VCM=1V to 12V
6083
6083
dB
PSRR
VIN=8V to 40V
6084
6084
dB
Input Bias Current
VPIN 1=0.5V, Pin 7 Open (Note 3)
-2.5
-10
-2.5
-10
µA
Input Offset Current
VPIN 1=0.5V, Pin 7 Open (Note 3)
0.08
1
0.08
1
µA
Input Common Mode Range
0
VIN-3
0
VIN-3
V
Delay to Outputs
TJ=25°C, (Note 2)
200
500
200
500
ns
Current Limit Adjust Section
Current Limit Offset
VPIN 3=0V, VPIN 4=0V, Pin 7 Open
(Note 3)
0.45
0.5
0.55
0.45
0.5
0.55
V
Input Bias Current
VPIN 5=VREF, VPIN 6=0V
-10
-30
-10
-30
µA
Shutdown Terminal Section
Threshold Voltage
250
350
400
250
350
400
mV
Input Voltage Range
0
VIN
0VIN
V
Minimum Latching Current
(Note 6)
(IPIN 1)
3.0
1.5
3.0
1.5
mA
ELECTRICAL
CHARACTERISTICS (cont.)
(Unless otherwise stated, these specifications apply for TA=-55°C to +125°C for UC1846/7; -40°C
to +85°C for the UC2846/7; and 0°C to +70°C for the UC3846/7; VIN=15V, RT=10k, CT=4.7nF,
TA=TJ.)
UC1846/7
UC2846/7
UC3846/7
3


Số phần tương tự - UC1847

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1847 TI-UC1847 Datasheet
648Kb / 10P
[Old version datasheet]   Current Mode PWM Controller
UC1847 TI-UC1847 Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC1847 TI1-UC1847 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC1847 TI-UC1847 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC1847 TI1-UC1847 Datasheet
1Mb / 24P
[Old version datasheet]   Current Mode PWM Controller
More results

Mô tả tương tự - UC1847

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com