công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TP3A225K010C4600AS bảng dữ liệu(PDF) 3 Page - Vishay Siliconix |
|
TP3A225K010C4600AS bảng dữ liệu(HTML) 3 Page - Vishay Siliconix |
3 / 23 page TP3 www.vishay.com Vishay Sprague Revision: 22-Jun-17 3 Document Number: 40116 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note • ESR limits in Ω shown in parenthesis Note (1) Capital letter indicates lead (Pb)-free 22 A (2.90, 2.00) B (2.00, 0.60) C (1.80, 0.50) A (2.50, 1.50) B (1.90, 0.60, 0.70) C (1.50, 0.40, 0.345, 0.245) B (1.90, 0.70. 0.60) C (1.40, 0.8, 0.375, 0.35) D (0.80, 0.25) C (1.10, 0.375) D (0.70, 0.225, 0.18) C (1.20, 0.40) D (0.70, 0.20) D (0.60, 0.30, 0.26, 0.20) E (0.60, 0.275) 33 B (2.00) C (2.0, 1.80, 0.50) A (2.50, 0.80) B (1.90, 0.60) C (1.50, 0.375) B (1.90, 1.50, 0.60) C (1.40, 0.60, 0.30) D (0.80, 0.25) C (1.10, 0.30) D (0.70, 0.225) C (1.00, 0.35) D (0.70, 0.20) D (0.70, 0.30, 0.20) E (0.60, 0.30, 0.20) 47 A (1.60) B (1.90, 0.60, 0.55, 0.50) C (1.40, 0.30, 0.25) D (0.80, 0.20) B (1.80, 0.60) C (1.10, 0.30) D (0.70, 0.20) C (1.00, 0.30) D (0.70, 0.20, 0.15, 0.12) D (0.70, 0.25, 0.20, 0.15) E (0.60, 0.15) E (0.60, 0.20) 68 B (1.4) C (1.4) B (1.80, 0.55) C (0.80, 0.275) D (0.70, 0.20) C (1.00, 0.275) D (0.70, 0.15) D (0.60, 0.15) 100 B (0.9, 1.7) C (0.80, 0.25) D (0.70, 0.15, 0.14, 0.13) C (0.90, 0.25, 0.20) D (0.60, 0.15, 0.10, 0.08) D (0.60, 0.15, 0.125) E (0.60, 0.10) E (0.50, 0.15) 150 C (0.70, 0.30, 0.20) D (0.60, 0.15) D (0.60, 0.10) E (0.50, 0.10) E (0.50, 0.10) 220 D (0.60, 0.10) E (0.50, 0.10) D (0.60, 0.125, 0.10) E (0.50, 0.10) E (0.50, 0.10) 330 D (0.60, 0.125) E (0.50, 0.10) 470 E (0.50, 0.10) MARKING “A” CASE VOLTAGE CODE VOLTS CODE 4.0 G 6.3 J 10 A 16 C 20 D 25 E 35 V 50 T Marking Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” case capacitors use a letter code for the voltage and EIA capacitance code. The Vishay identification marking is included if space permits. Vishay marking (“circled 2”) may show additives in the form of short lines, depicting actual manufacturing facility. For A case capacitors discontinuation in polarity bar maybe used as actual manufacturing facility designation. Capacitors rated at 6.3 V are marked 6 V. A manufacturing date code is marked on all capacitors, for details see FAQ: www.vishay.com/doc?40110. Call the factory for further explanation. RATINGS AND CASE CODES μF 4 V 6.3 V 10 V 16 V 20 V 25 V 35 V 50 V Capacitance code, pF Indicates high performance (1) Polarity band (+) Voltage code V 104Z A Case Date code designation Date code Vishay marking Indicates high performance (1) Voltage Capacitance μF Polarity band (+) 22 P10 XX 2 B, C, D, E Cases |
Số phần tương tự - TP3A225K010C4600AS |
|
Mô tả tương tự - TP3A225K010C4600AS |