công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST92F120V9 bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện ST92F120V9
Giải thích chi tiết về linh kiện  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
Download  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9 bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button ST92F120V9 Datasheet HTML 4Page - STMicroelectronics ST92F120V9 Datasheet HTML 5Page - STMicroelectronics ST92F120V9 Datasheet HTML 6Page - STMicroelectronics ST92F120V9 Datasheet HTML 7Page - STMicroelectronics ST92F120V9 Datasheet HTML 8Page - STMicroelectronics ST92F120V9 Datasheet HTML 9Page - STMicroelectronics ST92F120V9 Datasheet HTML 10Page - STMicroelectronics ST92F120V9 Datasheet HTML 11Page - STMicroelectronics ST92F120V9 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 324 page
background image
8/324
ST92F120 - GENERAL DESCRIPTION
voltage drop across the SCR parasitic resistor, the
SCR may be turned on; to turn off the SCR it is
necessary to remove the power supply from the
device.
The present ST9 design implements layout and
process solutions to decrease the effects of elec-
trostatic discharges (ESD) and latchup. Of course
it is not possible to test all devices, due to the de-
structive nature of the mechanism; in order to
guarantee product reliability, destructive tests are
carried out on groups of devices, according to
STMicroelectronics internal Quality Assurance
standards and recommendations.
1.2.4.2 Protective Interface
Although ST9 input/output circuitry has been de-
signed taking ESD and Latchup problems into ac-
count, for those applications and systems where
ST9 pins are exposed to illegal voltages and high
current injections, the user is strongly recommend-
ed to implement hardware solutions which reduce
the risk of damage to the microcontroller: low-pass
filters and clamp diodes are usually sufficient in
preventing stress conditions.
The risk of having out-of-range voltages and cur-
rents is greater for those signals coming from out-
side the system, where noise effect or uncon-
trolled spikes could occur with higher probability
than for the internal signals; it must be underlined
that in some cases, adoption of filters or other ded-
icated interface circuitries might affect global mi-
crocontroller performance, inducing undesired tim-
ing delays, and impacting the global system
speed.
Figure 3. Digital Input/Output - Push-Pull
PIN
OUTPUT
BUFFER
P
N
P
N
N
INPUT
BUFFER
P
ESD PROTECTION
CIRCUITRY
PORT CIRCUITRY
I/O CIRCUITRY
P
EN
EN
1


Số phần tương tự - ST92F120V9

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST92F120V9Q STMICROELECTRONICS-ST92F120V9Q Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
More results

Mô tả tương tự - ST92F120V9

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
ST92F124 STMICROELECTRONICS-ST92F124 Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
ST92F124 STMICROELECTRONICS-ST92F124_06 Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
logo
Holtek Semiconductor In...
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
Holtek Semiconductor In...
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Holtek Semiconductor In...
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
   8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
Rev. 0.00 February 26, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com